Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDC0502 Datasheet(PDF) 2 Page - Superworld Electronics

Part # PDC0502
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC0502 Datasheet(HTML) 2 Page - Superworld Electronics

  PDC0502 Datasheet HTML 1Page - Superworld Electronics PDC0502 Datasheet HTML 2Page - Superworld Electronics PDC0502 Datasheet HTML 3Page - Superworld Electronics PDC0502 Datasheet HTML 4Page - Superworld Electronics PDC0502 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PDC0502 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.05.2008
0.25
0.23
0.21
0.55
0.47
0.45
0.50
0.30
0.35
0.27
0.40
1.10
1.00
0.80
0.70
0.75
0.60
0.65
0.90
1V / 1K
1.700
120.0±20%
PDC0502121MZF
PDC0502561MZF
PDC0502391MZF
PDC0502471MZF
560.0±20%
470.0±20%
390.0±20%
PDC0502221MZF
PDC0502271MZF
PDC0502331MZF
PDC0502181MZF
PDC0502151MZF
220.0±20%
270.0±20%
330.0±20%
150.0±20%
180.0±20%
1V / 1K
1V / 1K
1V / 1K
8.000
5.000
7.000
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
3.400
4.000
4.500
1.950
2.600
PDC0502470MZF
47.0±20%
PDC0502820MZF
PDC0502101MZF
PDC0502680MZF
PDC0502560MZF
82.0±20%
100.0±20%
68.0±20%
56.0±20%
PDC0502270MZF
PDC0502330MZF
PDC0502390MZF
PDC0502180MZF
PDC0502220MZF
27.0±20%
39.0±20%
33.0±20%
18.0±20%
22.0±20%
2.52M
0.830
1V / 1K
2.52M
2.52M
2.52M
1.200
1.500
0.970
0.900
2.52M
2.52M
2.52M
2.52M
2.52M
0.450
0.550
0.580
0.320
0.420
( A )
Max.
4.20
4.80
3.10
3.50
3.00
2.80
3.80
2.20
1.80
1.90
1.20
1.40
1.50
2.70
IDC
7.96M
0.050
2.2±20%
PDC05022R2MZF
5.6±20%
PDC05025R6MZF
PDC0502100MZF
PDC0502150MZF
PDC0502120MZF
PDC05028R2MZF
PDC05026R8MZF
10.0±20%
15.0±20%
12.0±20%
8.2±20%
6.8±20%
PDC05023R3MZF
PDC05023R9MZF
PDC05024R7MZF
PDC05022R7MZF
3.3±20%
3.9±20%
4.7±20%
2.7±20%
7.96M
0.110
2.52M
2.52M
2.52M
7.96M
7.96M
0.165
0.280
0.250
0.150
0.140
7.96M
7.96M
7.96M
7.96M
0.070
0.080
0.090
0.055
Inductance
PDC05021R0MZF
PDC05021R4MZF
PDC05021R8MZF
Part No.
1.0±20%
1.4±20%
1.8±20%
( µH )
Test
RDC
7.96M
7.96M
7.96M
Frequency
( Hz )
0.030
0.035
0.040
Max.
(
)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com