Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2234UK Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2234UK
Description  10-Bit, 135Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2234UK Datasheet(HTML) 2 Page - Linear Technology

  LTC2234UK Datasheet HTML 1Page - Linear Technology LTC2234UK Datasheet HTML 2Page - Linear Technology LTC2234UK Datasheet HTML 3Page - Linear Technology LTC2234UK Datasheet HTML 4Page - Linear Technology LTC2234UK Datasheet HTML 5Page - Linear Technology LTC2234UK Datasheet HTML 6Page - Linear Technology LTC2234UK Datasheet HTML 7Page - Linear Technology LTC2234UK Datasheet HTML 8Page - Linear Technology LTC2234UK Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2234
2
2234fa
CO VERTER CHARACTERISTICS
Supply Voltage (VDD) ................................................. 4V
Digital Output Ground Voltage (OGND) ....... –0.3V to 1V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ............... –0.3V to (OVDD + 0.3V)
Power Dissipation ............................................ 1500mW
Operating Temperature Range
LTC2234C ............................................... 0
°C to 70°C
LTC2234I .............................................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
ORDER PART
NUMBER
UK PART*
MARKING
TJMAX = 125°C, θJA = 29°C/W
LTC2234UK
LTC2234UK
LTC2234CUK
LTC2234IUK
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
OVDD = VDD (Notes 1, 2)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
●
10
Bits
Integral Linearity Error
Differential Analog Input (Note 5)
●
–0.8
±0.2
0.8
LSB
Differential Linearity Error
Differential Analog Input
●
–0.6
±0.1
0.6
LSB
Integral Linearity Error
Single-Ended Analog Input (Note 5)
±0.5
LSB
Differential Linearity Error
Single-Ended Analog Input
±0.1
LSB
Offset Error
(Note 6)
●
–37
±537
mV
Gain Error
External Reference
●
–2.5
±0.5
2.5
%FS
Offset Drift
±10
µV/C
Full-Scale Drift
Internal Reference
±30
ppm/C
External Reference
±15
ppm/C
Transition Noise
SENSE = 1V
0.12
LSBRMS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
TOP VIEW
UK PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC QFN
EXPOSED PAD IS GND (PIN 49),
MUST BE SOLDERED TO PCB
AIN
+ 1
AIN
– 2
REFHA 3
REFHA 4
REFLB 5
REFLB 6
REFHB 7
REFHB 8
REFLA 9
REFLA 10
VDD 11
VDD 12
36 D7
35 D6
34 D5
33 OVDD
32 OGND
31 D4
30 D3
29 D2
28 OVDD
27 OGND
26 D1
25 D0
49
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com