Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA03A-090-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PLA03A-090-R
Description  3.0 Watt - Unregulated Wall Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PLA03A-090-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PLA03A-090-R Datasheet HTML 1Page - Phihong USA Inc. PLA03A-090-R Datasheet HTML 2Page - Phihong USA Inc. PLA03A-090-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WWW.PHIHONG.COM
3.0 Watt – Unregulated Wall Plug
PLA03A Linear Replacement
Features
• EISA Level IV Compliant
• Lower Cost than Regulated
• 90 – 264 VAC Input Range
• Zero Minimum Load
• High Efficiency
• Light Weight
• Double Insulated
Applications
• Wireless Communications
• Blue Tooth Device Charger
• Cordless Head Set
• Cell Phone
Safety Approvals
• UL / cUL 60950-1
Mechanical Characteristics
• Length: 58.5 mm (2.3 in)
• Height: 35 mm (1.38 in)
• Width: 28 mm (1.1 in)
• Weight: 75 g ( 2.65 oz)
Dimension Diagram Unit: mm (inch)


Similar Part No. - PLA03A-090-R

ManufacturerPart #DatasheetDescription
logo
Positronic.
PLA0300050/AA POSITRONIC-PLA0300050/AA Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLA0300A1 POSITRONIC-PLA0300A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
logo
Thinking Electronic Ind...
PLA03101HA0D2 THINKING-PLA03101HA0D2 Datasheet
364Kb / 8P
For Switching Application
PLA03101HA1D2 THINKING-PLA03101HA1D2 Datasheet
364Kb / 8P
For Switching Application
PLA03101HP5D2 THINKING-PLA03101HP5D2 Datasheet
364Kb / 8P
For Switching Application
More results

Similar Description - PLA03A-090-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PLA01A-050-R PHIHONG-PLA01A-050-R Datasheet
366Kb / 3P
1.3 Watt - Unregulated Wall Plug
PLA02A-050-R PHIHONG-PLA02A-050-R Datasheet
371Kb / 3P
2.0 Watt - Unregulated Wall Plug
PLA05A-050-R PHIHONG-PLA05A-050-R Datasheet
168Kb / 3P
5.0 Watt - Unregulated Wall Plug
PSA15A-PV PHIHONG-PSA15A-PV Datasheet
93Kb / 2P
15 Watt Fixed Wall Plug Series
PSA24A-120 PHIHONG-PSA24A-120_14 Datasheet
108Kb / 2P
24 Watt ??Wall Plug Adapter
PSAC24A PHIHONG-PSAC24A Datasheet
104Kb / 2P
24 Watt ??Wall Plug Adapter
PSAC12A-050 PHIHONG-PSAC12A-050 Datasheet
204Kb / 3P
12 Watt Fixed Wall Plug Series
PSAC18A-120L6 PHIHONG-PSAC18A-120L6_18 Datasheet
140Kb / 3P
18 Watt Fixed Wall Plug Series
PSAC24A-120L6 PHIHONG-PSAC24A-120L6_18 Datasheet
324Kb / 3P
24 Watt ??Wall Plug Adapter
PSM10A-050A PHIHONG-PSM10A-050A_18 Datasheet
192Kb / 3P
10 Watt Fixed Wall Plug Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com