Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCC0807 Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCC0807
Description  RADIAL CHOKE COIL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC0807 Datasheet(HTML) 2 Page - Superworld Electronics

  RCC0807 Datasheet HTML 1Page - Superworld Electronics RCC0807 Datasheet HTML 2Page - Superworld Electronics RCC0807 Datasheet HTML 3Page - Superworld Electronics RCC0807 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
RADIAL CHOKE COIL
1.00
0.24
2.52M
82±10%
1K
1.72
560±10%
680±10%
1000±10%
820±10%
1.96
2.94
2.56
1K
1K
1K
220±10%
470±10%
270±10%
390±10%
330±10%
100±10%
180±10%
150±10%
120±10%
0.63
1K
0.88
1.17
1.34
1.05
1K
1K
1K
1K
0.36
0.57
0.42
0.28
1K
1K
1K
1K
0.36
0.30
0.27
0.33
0.57
0.44
0.41
0.51
0.46
0.66
0.72
0.81
0.89
RCC0807120MZF
RCC0807150KZF
RCC0807100MZF
0.06
2.52M
12±20%
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
33±10%
39±10%
47±10%
68±10%
56±10%
15±10%
18±10%
27±10%
22±10%
0.13
0.15
0.20
0.18
0.14
0.07
0.09
0.11
0.08
2.52M
10±20%
0.05
2.50
1.50
1.20
1.10
1.30
1.30
1.80
1.70
2.20
1.90
2.90
Inductance
Part No.
Frequency
( µH )
Test
RDC
( Hz )
Max.
(
)
IDC
Max.
( A )
RCC0807180KZF
RCC0807220KZF
RCC0807270KZF
RCC0807330KZF
RCC0807390KZF
RCC0807470KZF
RCC0807560KZF
RCC0807680KZF
RCC0807820KZF
RCC0807101KZF
RCC0807121KZF
RCC0807151KZF
RCC0807181KZF
RCC0807221KZF
RCC0807271KZF
RCC0807331KZF
RCC0807391KZF
RCC0807471KZF
RCC0807561KZF
RCC0807681KZF
RCC0807821KZF
RCC0807102KZF
RCC0807 SERIES
01.07.2008
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERINGS
cooling
230°C
40s max.
150°C
Pre-heating
90 to 120s
180°C
10s max.
260°C
Natural



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com