Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA25LS-033 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA25LS-033
Description  25W Universal Input, Compact PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA25LS-033 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA25LS-033 Datasheet HTML 1Page - Phihong USA Inc. PSA25LS-033 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WWW.PHIHONG.COM
PSA25LS/0312
PSA25LS Characteristics
Dimension Diagram Unit: mm (inch)
INPUT:
AC Input Voltage
85 to 264 VAC
AC Input Frequency
47 to 63Hz
AC Input Current
0.5Arms (120VAC)
0.25Arms (240VAC)
AC Inrush Current (Cold)
30A max. (120VAC)
60A max. (240VAC)
Efficiency
70% Typical
OUTPUT:
Hold-up Time
16ms Full load, 120VAC
Overvoltage Protection
Zener Diode Clamping
Overcurrent Protection
Auto Restart
ENVIRONMENTAL:
Operation Temperature (Convection)
0 to 50
°C
Storage Temperature
-25 to +75
°C
Humidity
20 to 90% RH (Non-condensing)
Emissions
FCC Class B
EN 55022 B
Immunity
EN 50082-1: 1997
61000-4-2, Level 3
61000-4-3, Level 2
61000-4-4, Level 2
61000-4-5, Level 3
61000-4-6, Level 2
61000-4-11
GENERAL:
Leakage Current
Less than 0.75mA (254VAC)
Dielectric Withstand (Hipot)
Input to Output
3000VAC, 1 min., 10mA
Switching Frequency
100KHz (typical)
MTBF (Full Load, 25
°C)
MIL-HDBK-217F: 150K hrs.
AC Input Connector
EN 60320/C14
DC Output Connector
Molex 09-65-2048 or Equivalent



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com