Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCS0807 Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCS0807
Description  RADIAL CHOKE COIL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCS0807 Datasheet(HTML) 2 Page - Superworld Electronics

  RCS0807 Datasheet HTML 1Page - Superworld Electronics RCS0807 Datasheet HTML 2Page - Superworld Electronics RCS0807 Datasheet HTML 3Page - Superworld Electronics RCS0807 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
RCS0807 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
RADIAL CHOKE COIL
0.50
0.76
1K
RCS0807221KZF
220±10%
RCS0807561KZF
RCS0807681KZF
RCS0807821KZF
RCS0807102KZF
RCS0807271KZF
RCS0807331KZF
RCS0807391KZF
RCS0807471KZF
560±10%
1000±10%
680±10%
820±10%
470±10%
270±10%
390±10%
330±10%
1.61
1K
1K
1K
1K
2.33
2.72
2.07
1K
1K
1K
1K
0.97
1.28
1.44
0.86
0.31
0.26
0.23
0.28
0.41
0.37
0.34
0.45
RCS0807330LZF
RCS0807820KZF
RCS0807101KZF
RCS0807121KZF
RCS0807151KZF
RCS0807181KZF
RCS0807390LZF
RCS0807470LZF
RCS0807560KZF
RCS0807680KZF
RCS0807220LZF
RCS0807270LZF
0.14
2.52M
33±15%
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
82±10%
180±10%
120±10%
150±10%
100±10%
47±15%
68±10%
56±10%
39±15%
0.27
1K
1K
1K
1K
0.36
0.51
0.57
0.32
0.19
0.21
0.15
0.17
2.52M
2.52M
22±15%
27±15%
0.10
0.08
1.30
0.81
0.67
0.60
0.55
0.74
0.99
0.89
1.20
1.10
1.40
1.60
Part No.
(
)
Max.
RDC
Inductance
( µH )
Test
Frequency
( Hz )
IDC
( A )
Max.
Natural
cooling
RECOMMENDED SOLDERING CONDITIONS
180°C
40s max.
90 to 120s
Pre-heating
150°C
REFLOW SOLDERINGS
260°C
230°C
10s max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com