Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDB0905331MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDB0905331MZF
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB0905331MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SDB0905331MZF Datasheet HTML 1Page - Superworld Electronics SDB0905331MZF Datasheet HTML 2Page - Superworld Electronics SDB0905331MZF Datasheet HTML 3Page - Superworld Electronics SDB0905331MZF Datasheet HTML 4Page - Superworld Electronics SDB0905331MZF Datasheet HTML 5Page - Superworld Electronics SDB0905331MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SDB0905 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
0.06
2.10
1V/1K
15±20%
SDB0905150MZF
18±20%
27±20%
22±20%
56±20%
39±20%
47±20%
68±20%
100±20%
82±20%
220±20%
150±20%
180±20%
270±20%
330±20%
390±20%
120±20%
470±20%
33±20%
SDB0905391MZF
SDB0905471MZF
SDB0905221MZF
SDB0905271MZF
SDB0905331MZF
SDB0905151MZF
SDB0905181MZF
SDB0905820MZF
SDB0905101MZF
SDB0905121MZF
SDB0905470MZF
SDB0905560MZF
SDB0905680MZF
SDB0905270MZF
SDB0905390MZF
SDB0905330MZF
SDB0905180MZF
SDB0905220MZF
1V/1K
0.73
0.35
1.00
1V/1K
1.30
1V/1K
0.37
0.41
0.40
0.60
0.55
0.80
0.90
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
0.54
0.44
0.49
0.60
0.65
0.15
0.20
0.25
0.30
0.25
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
0.80
0.88
1.10
0.97
1.20
0.06
0.08
0.07
0.15
0.10
1V/1K
1V/1K
1V/1K
1V/1K
1V/1K
1.60
1.30
1.40
1.70
1.90
Inductance
( µH )
12±20%
10±20%
SDB0905100MZF
SDB0905120MZF
Part No.
(
)
Max.
RDC
0.04
0.05
1V/1K
1V/1K
Test Freq. ( Hz )
2.30
2.40
( A )
IDC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com