Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI0603S-R39F Datasheet(PDF) 5 Page - Superworld Electronics

Part # SCI0603S-R39F
Description  WIREWOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0603S-R39F Datasheet(HTML) 5 Page - Superworld Electronics

  SCI0603S-R39F Datasheet HTML 1Page - Superworld Electronics SCI0603S-R39F Datasheet HTML 2Page - Superworld Electronics SCI0603S-R39F Datasheet HTML 3Page - Superworld Electronics SCI0603S-R39F Datasheet HTML 4Page - Superworld Electronics SCI0603S-R39F Datasheet HTML 5Page - Superworld Electronics SCI0603S-R39F Datasheet HTML 6Page - Superworld Electronics SCI0603S-R39F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SCI0603S SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
15.01.2008
8. ENVIRONMENTAL CHARACTERISTICS :
WIREWOUND CHIP INDUCTORS
1000 MOhm min.
damage
After test, inductors shall
have no evidence of
electrical and mechanical
damage
electrical and mechanical
After test, inductors shall
have no evidence of
Electrical Performance Test :
Refer to Electrcal
Characteristics List
Insulation
Resistance Test
Voltage Test
Withstanding
8
7
DC Resistance Rdc
4
Over Load Test
Rated Current IDC
6
5
SRF
Inductance
3
Q
2
1
100VDC applied between inductor terminal and case
AC voltage of 500VAC applied between inductors
terminal and case for 1 minute.
Applied 2 times of rated allowed DC current to inductor
for a period of 5 minute.
10 seconds) to a tinned copper subs rate. A dynamiter
The device should be REFLOW soldered (230±5°C for
Mico-Ohmmeter (GOM-801G)
HP8753D
HP4291B
HP4291B
TEST CONDITIONS / TEST METHODS
SPECIFICATION
ITEM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com