Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI0603S-R10F Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI0603S-R10F
Description  WIREWOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0603S-R10F Datasheet(HTML) 2 Page - Superworld Electronics

  SCI0603S-R10F Datasheet HTML 1Page - Superworld Electronics SCI0603S-R10F Datasheet HTML 2Page - Superworld Electronics SCI0603S-R10F Datasheet HTML 3Page - Superworld Electronics SCI0603S-R10F Datasheet HTML 4Page - Superworld Electronics SCI0603S-R10F Datasheet HTML 5Page - Superworld Electronics SCI0603S-R10F Datasheet HTML 6Page - Superworld Electronics SCI0603S-R10F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40°C Max.
b) Operating temp. : -40°C to +125°C
a) Storage temp. : -25°C to +80°C
SCI0603S SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.01.2008
e) Resistance to solder heat : 260°C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
SCI0603S-10N F
SCI0603S-27N F
SCI0603S-24N F
SCI0603S-22N F
SCI0603S-18N F
SCI0603S-12N F
SCI0603S-15N F
SCI0603S-11N F
SCI0603S-16N F
SCI0603S-4N7 F
SCI0603S-7N5 F
SCI0603S-8N2 F
SCI0603S-9N5 F
SCI0603S-8N7 F
SCI0603S-5N1 F
SCI0603S-6N8 F
SCI0603S-5N6 F
SCI0603S-3N3 F
SCI0603S-3N9 F
SCI0603S-3N6 F
SCI0603S-4N3 F
SCI0603S-1N6 F
SCI0603S-1N8 F
K, J
K, J
700
83
10.60
66
10.0
0.130
4800
31
250
10
2800
3300
4000
4000
4000
3000
2800
3100
250
250
250
250
27
18
22
24
40
38
36
35
250
250
250
250
16
15
12
11
35
35
35
31
700
700
600
700
0.220
0.190
0.130
0.170
29.2
22.8
25.7
18.7
700
700
700
700
0.110
0.170
0.130
0.086
16.5
15.4
12.3
11.3
34.60
30.90
26.10
21.40
74
45
73
70
65
40
71
69
13.50
16.80
18.00
12.10
72
64
55
53
83
89
52
56
700
4.65
0.120
5800
20
250
4.7
5800
4800
4800
5800
5800
4800
4800
27
250
7.5
250
250
250
8.2
8.7
9.5
27
27
27
250
250
250
5.1
6.8
5.6
20
27
20
700
7.39
0.110
700
700
700
0.110
0.110
0.130
8.25
8.84
9.64
700
700
700
0.160
0.110
0.170
5.13
6.75
5.53
5800
5800
>6000
12500
12500
>6000
22
250
3.3
250
250
250
3.6
4.3
3.9
22
22
22
250
250
1.8
1.6
16
16
700
3.35
0.080
700
700
700
0.063
0.063
0.080
3.53
4.32
3.95
700
700
0.045
0.040
1.63
1.53
67
4.80
53
81
7.71
62
8.40
10.50
9.38
64
59
62
81
61
58
5.36
7.10
5.86
47
60
56
56
81
77
65
3.40
47
3.58
4.43
3.96
49
49
49
65
67
67
1.58
1.66
35
35
55
50
SCI0603S-2N2 F
K, J
6000
250
2.2
20
700
0.100
2.18
2.20
41
64
K, J, G
SCI0603S-23N F
2850
250
23
38
700
0.190
24.1
28.00
71
71
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
Part No.
( nH )
Available
( MHz )
Tolerance
L
Freq
Test
900MHz
Typ.
Min.
Max.
Min.
Max.
(
)
DCR
( MHz )
SRF
Q
( mA )
IDC
L
Typ.
Typ.
Typ.
L
1.7GHz
Q
900MHz
Q
1.7GHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com