Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI1008S-R24F Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI1008S-R24F
Description  WIREWOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008S-R24F Datasheet(HTML) 2 Page - Superworld Electronics

  SCI1008S-R24F Datasheet HTML 1Page - Superworld Electronics SCI1008S-R24F Datasheet HTML 2Page - Superworld Electronics SCI1008S-R24F Datasheet HTML 3Page - Superworld Electronics SCI1008S-R24F Datasheet HTML 4Page - Superworld Electronics SCI1008S-R24F Datasheet HTML 5Page - Superworld Electronics SCI1008S-R24F Datasheet HTML 6Page - Superworld Electronics SCI1008S-R24F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40°C Max.
b) Operating temp. : -40°C to +125°C
a) Storage temp. : -25°C to +80°C
SCI1008S SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.01.2008
e) Resistance to solder heat : 260°C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
Available
Tolerance
SCI1008S-R10 F
SCI1008S-R27 F
SCI1008S-R15 F
SCI1008S-R18 F
SCI1008S-R12 F
SCI1008S-R22 F
SCI1008S-22N F
SCI1008S-47N F
SCI1008S-56N F
SCI1008S-82N F
SCI1008S-68N F
SCI1008S-27N F
SCI1008S-39N F
SCI1008S-33N F
K, J
SCI1008S-10N F
SCI1008S-15N F
SCI1008S-12N F
SCI1008S-18N F
SCI1008S-5N6 F
Part No.
Q Test
IDC
DCR
SRF
Q
Test
L
350
650
0.560
1000
60
25
100
45
25
220
270
45
25
180
150
120
45
25
25
25
45
60
100
0.840
700
600
100
0.910
750
850
950
350
100
100
0.770
0.700
0.630
500
500
650
580
620
350
50
0.120
2400
55
22
50
65
47
56
68
82
50
50
65
65
60
50
27
39
33
50
50
50
55
60
60
350
0.160
1500
1300
1300
1000
350
350
350
0.180
0.200
0.220
1600
1500
1600
350
350
350
0.130
0.150
0.140
50
50
10
12
18
15
50
50
50
50
50
50
Freq
( MHz )
5.6
( nH )
50
50
Min.
4100
500
0.080
2400
3300
2500
500
500
350
0.090
0.120
0.110
4000
( MHz )
Min.
1500
( MHz )
Freq
0.150
Max.
(
)
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
( mA )
Max.
SCI1008S-24N F
350
50
0.120
1900
55
24
1000
K, J, G
SCI1008S-62N F
62
50
65
1250
350
0.200
1000
K, J, G
SCI1008S-75N F
75
50
60
1100
350
0.210
1000
K, J, G
SCI1008S-R24 F
45
25
240
100
0.880
650
500
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com