Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDB0805331MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDB0805331MZF
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB0805331MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SDB0805331MZF Datasheet HTML 1Page - Superworld Electronics SDB0805331MZF Datasheet HTML 2Page - Superworld Electronics SDB0805331MZF Datasheet HTML 3Page - Superworld Electronics SDB0805331MZF Datasheet HTML 4Page - Superworld Electronics SDB0805331MZF Datasheet HTML 5Page - Superworld Electronics SDB0805331MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SDB0805 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
SDB0805390LZF
SDB0805100MZF
SDB08055R6MZF
SDB08058R2MZF
SDB08053R9MZF
SDB08052R2MZF
SDB0805150MZF
SDB0805470LZF
SDB0805330LZF
SDB0805270LZF
SDB0805220LZF
SDB0805180LZF
SDB0805120MZF
SDB0805391MZF
SDB0805680MZF
SDB0805151MZF
SDB0805121MZF
SDB0805181MZF
SDB0805221MZF
SDB0805101MZF
SDB0805820MZF
SDB0805271MZF
SDB0805102MZF
SDB0805681MZF
SDB0805821MZF
SDB0805561MZF
SDB0805331MZF
SDB0805471MZF
SDB0805560MZF
820.0±10%
1000.0±10%
680.0±10%
90
90
90
1V/100K
1V/100K
1V/100K
330.0±10%
470.0±10%
560.0±10%
390.0±10%
220.0±10%
270.0±10%
180.0±10%
90
1V/100K
80
100
80
1V/100K
1V/100K
1V/100K
80
90
70
1V/100K
1V/100K
1V/100K
0.17
0.15
0.16
2.5
2.2
2.8
4000
5000
3400
0.35
0.22
0.27
0.24
0.18
0.20
0.30
1800
3.8
3.5
3.0
3.6
2250
3000
2100
4.5
4.2
4.8
1180
1400
1050
100
28.0
1.50
1V/100K
50
10.0±20%
1V/100K
60
39.0±15%
82.0±10%
150.0±10%
120.0±10%
100.0±10%
56.0±10%
68.0±10%
47.0±15%
70
1V/100K
70
70
70
1V/100K
1V/100K
1V/100K
60
70
60
1V/100K
1V/100K
1V/100K
22.0±15%
33.0±15%
27.0±15%
15.0±20%
18.0±15%
12.0±20%
50
1V/100K
60
50
1V/100K
1V/100K
50
50
50
1V/100K
1V/100K
1V/100K
260
12.0
0.84
0.75
0.60
0.50
0.54
0.40
0.45
0.68
550
8.5
6.5
7.0
7.5
900
750
600
9.5
9.0
10.5
380
440
280
1.40
1.00
1.10
1.20
0.92
1.30
180
17.0
13.5
15.5
240
200
22.0
19.0
24.0
140
160
120
Inductance
8.2±20%
5.6±20%
3.9±20%
Part No.
( µH )
2.2±20%
60
60
60
1V/100K
1V/100K
1V/100K
Ref.
60
Q
1V/100K
( A )
IDC
2.50
1.95
2.10
1.75
32.0
40.0
50.0
80
65
55
( MHz )
75.0
Typ.
SRF
( m )
Max.
40
RDC
Frequency
( Hz )
Test



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com