Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDI322520-R56F Datasheet(PDF) 8 Page - Superworld Electronics

Part # SDI322520-R56F
Description  WIREWOUND CHIP INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI322520-R56F Datasheet(HTML) 8 Page - Superworld Electronics

  SDI322520-R56F Datasheet HTML 1Page - Superworld Electronics SDI322520-R56F Datasheet HTML 2Page - Superworld Electronics SDI322520-R56F Datasheet HTML 3Page - Superworld Electronics SDI322520-R56F Datasheet HTML 4Page - Superworld Electronics SDI322520-R56F Datasheet HTML 5Page - Superworld Electronics SDI322520-R56F Datasheet HTML 6Page - Superworld Electronics SDI322520-R56F Datasheet HTML 7Page - Superworld Electronics SDI322520-R56F Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
31.07.2008
PG. 8
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
SDI322520 SERIES
WIREWOUND CHIP INDUCTORS
165° to 180°
F
Top cover tape
8-3. Tearing Off Force
The force for tearing off cover tape is 10 to 60 grams
in the arrow direction.
Base tape
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) Recommended products should be used within 6 months from the time of delivery.
a) Temperature and humidity conditions : Less than 40°C and 70% RH.
Application Notice
1. Storage Conditions :
To maintain the solderabililty of terminal electrodes :
2. Transportation :



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com