Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI0805S-R30F Datasheet(PDF) 3 Page - Superworld Electronics

Part # SCI0805S-R30F
Description  WIREWOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0805S-R30F Datasheet(HTML) 3 Page - Superworld Electronics

  SCI0805S-R30F Datasheet HTML 1Page - Superworld Electronics SCI0805S-R30F Datasheet HTML 2Page - Superworld Electronics SCI0805S-R30F Datasheet HTML 3Page - Superworld Electronics SCI0805S-R30F Datasheet HTML 4Page - Superworld Electronics SCI0805S-R30F Datasheet HTML 5Page - Superworld Electronics SCI0805S-R30F Datasheet HTML 6Page - Superworld Electronics SCI0805S-R30F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
15.01.2008
WIREWOUND CHIP INDUCTORS
6. ELECTRICAL CHARACTERISTICS :
SCI0805S SERIES
7.96
1500
K, J, G
SCI0805S-1R5 F
SCI0805S-1R8 F
SCI0805S-2R2 F
SCI0805S-2R7 F
1800
2200
2700
K, J, G
K, J, G
K, J, G
7.96
7.96
7.96
50
470
K, J, G
SCI0805S-R47 F
SCI0805S-R75 F
SCI0805S-R82 F
SCI0805S-1R0 F
SCI0805S-1R2 F
SCI0805S-R56 F
SCI0805S-R62 F
SCI0805S-R68 F
25
750
K, J, G
1200
820
1000
K, J, G
K, J, G
K, J, G
25
25
7.96
680
560
620
K, J, G
K, J, G
K, J, G
25
25
25
100
2.50
170
25
16
7.96
7.96
7.96
16
16
16
80
60
50
150
160
170
2.50
2.70
2.95
375
1.70
220
100
33
50
200
23
50
50
25
23
20
18
200
100
100
50
50
50
23
23
23
340
220
200
2.30
180
180
170
170
2.35
2.50
2.50
210
190
210
1.90
2.20
2.20
K, J, G
K, J, G
K, J, G
K, J, G
SCI0805S-R10 F
SCI0805S-R11 F
SCI0805S-R12 F
SCI0805S-R15 F
150
150
150
100
110
120
150
100
65
50
50
50
1000
920
1100
1200
250
250
500
250
0.460
0.510
0.560
0.480
400
400
400
400
SCI0805S-R24 F
SCI0805S-R25 F
SCI0805S-R33 F
SCI0805S-R39 F
SCI0805S-R18 F
SCI0805S-R22 F
100
240
K, J, G
390
250
330
K, J, G
K, J, G
K, J, G
100
100
100
180
220
K, J, G
K, J, G
100
100
690
250
44
250
250
250
45
48
48
560
680
600
250
250
50
50
850
870
1.00
350
350
310
290
1.00
1.40
1.50
400
400
0.640
0.700
SCI0805S-R20 F
200
K, J, G
100
250
50
860
400
0.660
SCI0805S-R27 F
270
K, J, G
100
250
48
650
350
1.00
SCI0805S-R30 F
300
K, J, G
100
250
48
620
330
1.20
SCI0805S-R36 F
360
K, J, G
100
250
48
580
300
1.45
SCI0805S-R43 F
430
K, J, G
50
100
33
430
230
1.70
Inductance tolerance :
: G : ±2%
K : ±10%
J : ±5%
Tolerance
Available
Part No.
L
( nH )
( MHz )
( MHz )
Min.
Freq
Test
Q
Freq
Q Test
Min.
Max.
Max.
( MHz )
SRF
(
)
DCR
( mA )
IDC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com