Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDI565047-R27F Datasheet(PDF) 3 Page - Superworld Electronics

Part # SDI565047-R27F
Description  WIREWOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI565047-R27F Datasheet(HTML) 3 Page - Superworld Electronics

  SDI565047-R27F Datasheet HTML 1Page - Superworld Electronics SDI565047-R27F Datasheet HTML 2Page - Superworld Electronics SDI565047-R27F Datasheet HTML 3Page - Superworld Electronics SDI565047-R27F Datasheet HTML 4Page - Superworld Electronics SDI565047-R27F Datasheet HTML 5Page - Superworld Electronics SDI565047-R27F Datasheet HTML 6Page - Superworld Electronics SDI565047-R27F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Temp
MIL-STD-202G Method 108A
Time
T
More than 95% of termincal electrode should
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
MIL-STD-202G Method 208H
Physical Characteristics Tests
Reference documents:
IPC J-STD-002B
Solderability Test
be covered with solder.
PG. 3
31.07.2008
Solder : Sn(63)/Pb(37)
Flux : rosin flux
Dip time : 5 secs.
Solder temperature : 245±5°C
-40°C
1. No case deformation or change in appearance.
1. No case deformation or change in appearance.
1. No case deformation or change in appearance.
Reference documents:
MIL-STD-202G Method 107G
Thermal shock test
Reference documents:
4. DCR/DCR<10%
T : weight< 28g : 15 Min.
28g<weight<136g : 30 Min.
2. L/L<30% (Closed Magnetic Circuit)
3. Q/Q < 30%
L/L<10%
MIL-STD-202G Method 103B
4. DCR/DCR<10%
3. Q/Q < 30%
3. Q/Q < 30%
Humidity Test
IEC 68-2-1A 6.1 6.2
2. L/L<30% (Closed Magnetic Circuit)
L/L<10%
4. DCR/DCR<10%
Low Temperature Storage Test
Reference documents:
2. L/L<30% (Closed Magnetic Circuit)
L/L<10%
4. DCR/DCR<10%
Change time < 5 min
Room
Temp
0
Temp
125°C
Conditions of 1 cycle :
Step 2 : 125°C for T time
Step 1 : -40°C for T time
Total : 20 cycles
T
Tested after 1 hour (less than 2 hours) at room temperature
Tested while the specimens are still in the chamber
96H
High temperature
93%RH
0
High humidity
Time : 96±2 hours
Temp & Humidity
40°C
Conditions
1H
Test Time
Room
Dry oven at temperature of 40±5°C for 24 hours
Exposure : Temperature : 40±2°C, Humidity : 93±3% RH,
Temp
Measured after 24 hours
Low temperature
0
-25°C
Room
Temp
96H
Test
Time
96H
Tested after 1 hour (less than 2 hours) at room temperature
Temperature : -25±2°C
Time : 96±2 hours
Room
0
Temp
High temperature
85°C
Test
1H
Time
1. No case deformation or change in appearance.
High Temperature Storage Test
6. RELIABILITY AND TEST CONDITION :
Reference documents:
Environmental Tests
ITEM
2. L/L<30% (Closed Magnetic Circuit)
L/L<10%
3. Q/Q < 30%
PERFORMANCE
Tested after 1 hour (less than 2 hours) at room temperature
TEST CONDITION
Temperature : 85±2°C
Time : 96±2 hours
SDI565047 SERIES
WIREWOUND CHIP INDUCTORS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com