Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL0806P Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDL0806P
Description  HIGH CURRENT POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL0806P Datasheet(HTML) 2 Page - Superworld Electronics

  SDL0806P Datasheet HTML 1Page - Superworld Electronics SDL0806P Datasheet HTML 2Page - Superworld Electronics SDL0806P Datasheet HTML 3Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SDL0806P SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
7. INDUCTANCE VS. DC BIAS CURVES :
HIGH CURRENT POWER INDUCTORS
1.0V / 100K
1.0V / 100K
1.0V / 100K
1.0V / 100K
SDL0806P-R80MF
SDL0806P-1R0MF
SDL0806P-R60MF
SDL0806P-R47MF
0.80±20%
1.00±20%
0.60±20%
0.47±20%
14
17
21
22
2.90
4.30
1.90
1.90
27
22
34
38
Part No.
Inductance L
( µH )
( Hz )
±8%
Frequency
0
Test
DCR
( m )
Max.
Max.
( A )
Isat
Irms
( A )
S WD Y08 06-R 4 7M F -N C
100
160
220
280
340
400
460
520
580
640
700
0
5
10
15
20
25
3 0
35
4 0
4 5
5 0
DC B IA S (A m ps)
S DL0806-R47MF-NC
SDL0806P-R47MF-NC
SDL0806P-R47MF
SW DY 0806- R 60M F- N C
30 0
35 0
40 0
45 0
50 0
55 0
60 0
65 0
70 0
75 0
80 0
0
5
1 0
15
20
25
3 0
3 5
40
45
DC BI AS ( Am ps)
S DL08 06-R60M F
S DL0806 -R60M F-NC
SDL 0806 P-R60 MF-NC
SDL0806P-R60MF
S W D Y0806 -R 80 M F -N C
400
460
520
580
640
700
760
820
880
940
1 000
03
69
12
15
1 8
2 1
2 4
27
3 0
DC B IA S ( Am p s)
SDL080 6-R 80 MF -NC
SD L08 06 P-R 80 MF-NC
SDL0806P-R80MF
SWDY08 06 -1R0MF-NC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2 .5
5
7 .5
10
12.5
1 5
17 .5
20
22.5
25
DC BIAS(A mps)
S DL0806-1R0MF-NC
SDL0 80 6P-1R0MF-NC
SDL0806P-1R0MF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com