Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1008P-R47MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDL1008P-R47MF
Description  HIGH CURRENT POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1008P-R47MF Datasheet(HTML) 2 Page - Superworld Electronics

  SDL1008P-R47MF Datasheet HTML 1Page - Superworld Electronics SDL1008P-R47MF Datasheet HTML 2Page - Superworld Electronics SDL1008P-R47MF Datasheet HTML 3Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SDL1008P SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
7. INDUCTANCE VS. DC BIAS CURVES :
HIGH CURRENT POWER INDUCTORS
1.0V / 100K
1.0V / 100K
1.0V / 100K
1.0V / 100K
SDL1008P-R80MF
SDL1008P-1R0MF
SDL1008P-R60MF
SDL1008P-R47MF
0.80±20%
1.00±20%
0.60±20%
0.47±20%
30
30
36
36
1.30
1.30
0.87
0.87
45
40
45
45
( µH )
Inductance L
Part No.
±8%
( Hz )
Frequency
0
DCR
Test
( m )
Max.
Max.
( A )
Irms
Isat
( A )
SWDY100 8-R4 7MF -N C
0
100
200
300
400
500
600
700
800
05
10
15
202530
35
40
45
5 0
D C BI AS ( Am p s)
SDL1008-R47MF-NC
SDL1008P-R47MF-N C
SDL1008P-R47MF
SWDY10 0 8- R60 M F- N C
30 0
36 0
42 0
48 0
54 0
60 0
66 0
72 0
78 0
84 0
90 0
0
5
10
15
2 0
2 5
30
35
4 0
45
5 0
DCB IAS ( Am ps )
S DL1008 -R60M F-NC
SD L1 008 P-R 60MF-NC
SDL1008P-R60MF
SWDY100 8-R8 0MF-NC
400
460
520
580
640
700
760
820
880
940
1000
0
5
10
15
2 0
25
3 0
35
40
45
50
DCB IAS ( A mps )
SDL1008-R80MF-NC
SDL1008P-R8 0MF-NC
SDL1008P-R80MF
SWD Y1008 -1R0M F- N C
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
1. 2
1. 4
1. 6
1. 8
2. 0
0
5
10
15
20
25
3 0
35
40
45
5 0
DC BIA S (A mps )
SDL100 8-1 R0MF-NC
SDL 1008P-1R 0MF-NC
SDL1008P-1R0MF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com