Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM109N-R25MF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDM109N-R25MF
Description  MOLDING TYPE DIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM109N-R25MF Datasheet(HTML) 1 Page - Superworld Electronics

  SDM109N-R25MF Datasheet HTML 1Page - Superworld Electronics SDM109N-R25MF Datasheet HTML 2Page - Superworld Electronics SDM109N-R25MF Datasheet HTML 3Page - Superworld Electronics SDM109N-R25MF Datasheet HTML 4Page - Superworld Electronics SDM109N-R25MF Datasheet HTML 5Page - Superworld Electronics SDM109N-R25MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S D M 1 0 9 N - R 2 5 M F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : R25 = 0.25uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : M-Iron Core
(c) Adhesive : Epoxy
3. SCHEMATIC :
(d) Tolerance code : M = ±20%
(e) F : Lead Free
SDM109N SERIES
MOLDING TYPE DIP INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
18.04.2008
PCB Pattern
10.5 Max.
10.0 Max.
3.4±0.5
BC
D
10.5 Max.
(b) Wire : Enamelled Copper Wire
Unit:m/m
5.3±1.0
1.3±0.1
7.5±0.5
F
WL
E
5.3±1.0
R50
A
ØW
F
11.5
O
b) Frequency up to 1MHz
a) Shielded construction
5. FEATURES :
7.5 Typ.
M
1.6 Typ.
ØN
5.3±0.15
5.3±0.15
OP


Similar Part No. - SDM109N-R25MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDM109HHA SUPERWORLD-SDM109HHA Datasheet
228Kb / 6P
DIP POWER CHOKE COIL
SDM109HHA-1R0MF SUPERWORLD-SDM109HHA-1R0MF Datasheet
228Kb / 6P
DIP POWER CHOKE COIL
SDM109HHA-R32MF SUPERWORLD-SDM109HHA-R32MF Datasheet
228Kb / 6P
DIP POWER CHOKE COIL
SDM109HHA-R47MF SUPERWORLD-SDM109HHA-R47MF Datasheet
228Kb / 6P
DIP POWER CHOKE COIL
SDM109HHA-R80MF SUPERWORLD-SDM109HHA-R80MF Datasheet
228Kb / 6P
DIP POWER CHOKE COIL
More results

Similar Description - SDM109N-R25MF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
Molding Type Module
logo
Superworld Electronics
SDM119N SUPERWORLD-SDM119N Datasheet
291Kb / 7P
MOLDING TYPE DIP INDUCTORS
SDM129N SUPERWORLD-SDM129N Datasheet
260Kb / 6P
MOLDING TYPE DIP INDUCTORS
logo
List of Unclassifed Man...
HEI ETC2-HEI Datasheet
371Kb / 9P
Molding Power Inductors
logo
LinkCom Manufacturing C...
LML0420AA LINKCOM-LML0420AA Datasheet
111Kb / 5P
Molding power Inductors
logo
Pulse A Technitrol Comp...
BDQQ PULSE-BDQQ Datasheet
536Kb / 3P
Molding Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com