Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM119N-R36MF Datasheet(PDF) 6 Page - Superworld Electronics

Part # SDM119N-R36MF
Description  MOLDING TYPE DIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM119N-R36MF Datasheet(HTML) 6 Page - Superworld Electronics

  SDM119N-R36MF Datasheet HTML 1Page - Superworld Electronics SDM119N-R36MF Datasheet HTML 2Page - Superworld Electronics SDM119N-R36MF Datasheet HTML 3Page - Superworld Electronics SDM119N-R36MF Datasheet HTML 4Page - Superworld Electronics SDM119N-R36MF Datasheet HTML 5Page - Superworld Electronics SDM119N-R36MF Datasheet HTML 6Page - Superworld Electronics SDM119N-R36MF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SDM119N SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
18.04.2008
b) 280°C tip temperature (max)
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
30~60s
Figure 1. Re-flow Soldering
f) Limit soldering time to 3 secs.
d) 1.0mm tip diameter (max)
10s max.
Preheating
60~120s
c) Never contact the ceramic with the iron tip
180
150
250~260
230
Natural
Soldering
cooling
Over 1min.
Figure 2. Iron Soldering
Within 3secs.
Gradual
Cooling
Natural
Preheating Soldering
150
350
300
cooling
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
Recommended temperature profiles for re-flow soldering in Figure 1.
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
a soldering iron must be employed the following precautions are recommended.
10-2.1 Solder Re-flow :
air soldering tools.
a) Preheat circuit and products to 150°C.
10-2.2 Soldering Iron (Figure 2) :
Note :
10-1. Recommended PC Board Pattern
10. SOLDERIND AND MOUNTING :
10-2. Soldering
MOLDING TYPE DIP INDUCTORS
F
12.5
N
3R0
2R0
2R5
R30
1R2
R50/R56/R68
R25/R36/R47
Part No.
9.4±0.5
9.3±0.5
9.3±0.5
9.5±0.5
9.0±0.5
6.4±0.5
6.3±0.5
6.5±0.5
6.6±0.5
6.6±0.5
7.3±0.5
6.9±0.5
6.6±0.5
6.6±0.5
6.0±0.5
1.2±0.1
1.1±0.1
1.2±0.1
1.8±0.1
1.6±0.1
8.5±0.5
5.7±0.5
E
6.3±0.5
FM
1.8±0.1
N
Unit:m/m



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com