Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM129N-R25MF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SDM129N-R25MF
Description  MOLDING TYPE DIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM129N-R25MF Datasheet(HTML) 3 Page - Superworld Electronics

  SDM129N-R25MF Datasheet HTML 1Page - Superworld Electronics SDM129N-R25MF Datasheet HTML 2Page - Superworld Electronics SDM129N-R25MF Datasheet HTML 3Page - Superworld Electronics SDM129N-R25MF Datasheet HTML 4Page - Superworld Electronics SDM129N-R25MF Datasheet HTML 5Page - Superworld Electronics SDM129N-R25MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
18.04.2008
8. CHARACTERISTICS CURVES :
SDM129N SERIES
DC Current vs. Inductance & Temperature Rise
Inductance vs. Frequency
MOLDING TYPE DIP INDUCTORS
010
20
30
40
DC CURRENT(A)
0
0.15
0.3
0.45
0.6
0
10
20
30
40
50
60
70
80
DMPI129N-R47
SDM129N-R47MF
010
20
30
40
50
DC CURRENT(A)
0
0.25
0.5
0.75
1
0
10
20
30
40
50
60
70
80
90
100
DMPI129N-R50
SDM129N-R50MF
0
102030
4050
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
100
DMPI129N-R60
SDM129N-R60MF
0
1020304050
DC CURRENT(A)
0
0.25
0.5
0.75
1
0
10
20
30
40
50
60
70
80
90
100
DMPI129N-R68
SDM129N-R68MF
DMPI129N
FREQUENCY(MHz)
SDM129N SERIES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com