Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND4BC Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND4BC
Description  InGaN Ultra Bright Blue Chip LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND4BC Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND4BC Datasheet HTML 1Page - Purdy Electronics Corporation AND4BC Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
7/18/07
www.purdyelectronics.com
AND4BC
Ultra Bright LED Lamps
Weight: 2.0 mg
Unit: mm
AND4BC
InGaN Ultra Bright Blue Chip LEDs
Features
• Package in 8mm tape on 7: dia. reel
• Compatible with automatic placement equipment
• Suitable for infrared and vapor phase reflow solder
process
• Mono-color type
• Suitable for automotive backlighting, Flat backlighting for
LDC, switch and symbol, indicator and backlighting for
telecommunication use
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
120
mW
Operating Temp. Range
TOpr
-40 to 80
°C
Storage Temp. Range
TStg
-40 to 90
°C
Precaution
Please be careful of the following:
1. Manual soldering: maximum temperature of iron tip: 260°C max.
Soldering time: within 5 sec. per solder-land
Soldering portion of lead: up to 1.6 mm from the body of the device
2. Reflow solder: recommended condition is as follows:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–3.5
4.3
V
Reverse Current
IR
VR = 5 V
–
–
50
µA
Luminous Intensity
IV
IF = 20 mA
30
50
–
mcd
Peak Emission Wavelength
lP
IF = 20 mA
–
468
–
nm
Spectral Line Half Width
∆l
IF = 20 mA
–35–
nm
Dominant Wavelength
ld
IF = 20 mA
–
470
–
nm
Full Viewing Angle
2 q 1/2
IF = 20 mA
–
140
–
degree
more than 2 min.
230
°C max.
140 - 160
°C
10 sec. max.
Time
4
°C/sec.
max.
3. Absolute secure counter measures against
static electricity and surge should be taken
when handling these products. It is
recommended to use wrist band or antistatic
gloves when handling these LEDs.
Product specifications contained herein may be changed
without prior notice. It is therefore advisable to contact Purdy
Electronics before proceeding with the design of equipment
incorporating this product.
• RoHS Compliant


Similar Part No. - AND4BC

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4BA PURDY-AND4BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND4BRA PURDY-AND4BRA Datasheet
65Kb / 2P
GaN Ultra Bright Blue Chip LEDs with Right Angle Lens
AND4BRB PURDY-AND4BRB Datasheet
65Kb / 2P
InGaN Ultra Bright Blue Chip LEDs with Right Angle Lens
More results

Similar Description - AND4BC

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC307PBL1-30Q-A3 MARKTECH-LC307PBL1-30Q-A3 Datasheet
42Kb / 2P
InGaN Blue Ultra Bright 3mm LED
LP379PBL1-C0G MARKTECH-LP379PBL1-C0G Datasheet
57Kb / 2P
P4 InGaN Blue Ultra Bright LED
LC503PBL1-15Q MARKTECH-LC503PBL1-15Q Datasheet
209Kb / 2P
5mm Blue InGaN Ultra Bright LED
LC503QBL1-15G-A MARKTECH-LC503QBL1-15G-A Datasheet
344Kb / 2P
5mm Blue InGaN Ultra Bright LED
LC503QBL1-15H-A MARKTECH-LC503QBL1-15H-A Datasheet
357Kb / 2P
5mm Blue InGaN Ultra Bright LED
logo
Purdy Electronics Corpo...
AND4BRB PURDY-AND4BRB Datasheet
65Kb / 2P
InGaN Ultra Bright Blue Chip LEDs with Right Angle Lens
AND6BC PURDY-AND6BC Datasheet
126Kb / 2P
InGaN Ultra Bright Blue TOP LEDs
AND6BD PURDY-AND6BD Datasheet
125Kb / 2P
InGaN Ultra Bright Blue TOP LEDs
AND6GA PURDY-AND6GA Datasheet
65Kb / 2P
InGaN Ultra Bright Green Top LEDS
logo
Marktech Corporate
LC503QBL1-30H MARKTECH-LC503QBL1-30H Datasheet
209Kb / 2P
5mm Blue InGaN Ultra Bright LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com