Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND4BRB Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND4BRB
Description  InGaN Ultra Bright Blue Chip LEDs with Right Angle Lens
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND4BRB Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND4BRB Datasheet HTML 1Page - Purdy Electronics Corporation AND4BRB Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
7/18/07
www.purdyelectronics.com
AND4BRB
Ultra Bright LED Lamps
Weight: 2.0 mg
Unit: mm
AND4BRB
InGaN Ultra Bright Blue Chip LEDs
with Right Angle Lens
Features
• Package in 8mm tape on 7: dia. reel
• Compatible with automatic placement equipment
• Suitable for infrared and vapor phase reflow solder
process
• Mono-color type
• Suitable for automotive backlighting, Flat backlighting
for LDC, switch and symbol, indicator and backlighting for
telecommunication use
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
25
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
120
mW
Operating Temp. Range
TOpr
-40 to 85
°C
Storage Temp. Range
TStg
-40 to 90
°C
Precaution
Please be careful of the following:
1. Manual soldering: maximum temperature of iron tip: 260°C max.
Soldering time: within 5 sec. per solder-land
Soldering portion of lead: up to 1.6 mm from the body of the device
2. Reflow solder: recommended condition is as follows:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–3.5
4.0
V
Reverse Current
IR
VR = 5 V
–
–
10
µA
Luminous Intensity
IV
IF = 20 mA
23
29
–
mcd
Peak Emission Wavelength
lP
IF = 20 mA
–
468
–
nm
Spectral Line Half Width
∆l
IF = 20 mA
–26–
nm
Dominant Wavelength
ld
IF = 20 mA
–
470
–
nm
Full Viewing Angle
2 q 1/2
IF = 20 mA
–
120
–
degree
more than 2 min.
230
°C max.
140 - 160
°C
10 sec. max.
Time
4
°C/sec.
max.
3. Absolute secure counter measures against
static electricity and surge should be taken
when handling these products. It is
recommended to use wrist band or antistatic
gloves when handling these LEDs.
Product specifications contained herein may be changed
without prior notice. It is therefore advisable to contact Purdy
Electronics before proceeding with the design of equipment
incorporating this product.
• RoHS Compliant


Similar Part No. - AND4BRB

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4BRA PURDY-AND4BRA Datasheet
65Kb / 2P
GaN Ultra Bright Blue Chip LEDs with Right Angle Lens
More results

Similar Description - AND4BRB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
27-21SYGC EVERLIGHT-27-21SYGC Datasheet
133Kb / 8P
Chip LEDs with Right Angle Lens
22-21SURC EVERLIGHT-22-21SURC Datasheet
180Kb / 9P
Chip LEDs with Right Angle Lens
22-21SYGC EVERLIGHT-22-21SYGC Datasheet
166Kb / 9P
Chip LEDs with Right Angle Lens
22-21UYC EVERLIGHT-22-21UYC Datasheet
158Kb / 9P
Chip LEDs with Right Angle Lens
logo
Purdy Electronics Corpo...
AND4BC PURDY-AND4BC Datasheet
64Kb / 2P
InGaN Ultra Bright Blue Chip LEDs
AND4BRA PURDY-AND4BRA Datasheet
65Kb / 2P
GaN Ultra Bright Blue Chip LEDs with Right Angle Lens
AND6BC PURDY-AND6BC Datasheet
126Kb / 2P
InGaN Ultra Bright Blue TOP LEDs
AND6BD PURDY-AND6BD Datasheet
125Kb / 2P
InGaN Ultra Bright Blue TOP LEDs
logo
Roithner LaserTechnik G...
12-21UBGC ROITHNER-12-21UBGC Datasheet
442Kb / 8P
Chip LEDs with Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
22-21-BHC-AN1P2-2C TO-GRACE-22-21-BHC-AN1P2-2C Datasheet
632Kb / 10P
Chip LEDs with Right Angle Lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com