Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND4GA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND4GA
Description  GaP Ultra Bright Green Light Emission Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND4GA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND4GA Datasheet HTML 1Page - Purdy Electronics Corporation AND4GA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
7/18/07
www.purdyelectronics.com
AND4GA
Ultra Bright LED Lamps: Type 2
Weight: 2.0 mg
Unit: mm
1.25
R0.2
Cathode
Index
Polarity
1.1
0.6
AND4GA
GaP Ultra Bright Green Light Emission
Surface Mount Package
Features
• Small package size
• 2.0 (l) x 1.25 (w) x 1.1 (h) size
• Suitable for DIP and REFLOW soldering
• Recommended Forward Current: 10 mA
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
100
mW
Operating Temperature Range
TOpr
-40 to 85
°C
Storage Temperature Range
TStg
-40to 90
°C
Precaution
Please be careful of the following:
1. Manual soldering: maximum temperature of iron tip: 260°C max.
Soldering time: within 5 sec. per solder-land
Soldering portion of lead: up to 1.6 mm from the body of the device
2. Reflow solder: recommended condition is as follows:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–2.1
2.4
V
Reverse Current
IR
VR = 5 V
–
–
10
µA
Luminous Intensity
IV
IF = 20 mA
8.0
15
–
mcd
Peak Emission Wavelength
lP
IF = 20 mA
–
570
–
nm
Spectral Line Half Width
∆λ
IF = 20 mA
–30–
nm
Dominant Wavelength
λd
IF = 20 mA
–
571
–
nm
Full Viewing Angle
θ
IV = 1/2 Peak
–
140
–
degree
more than 2 min.
230
°C max.
140 - 160
°C
10 sec. max.
Time
4
°C/sec.
max.
1.2
0.9
1.2
Reflow
The following soldering patterns are
recommended for reflow soldering
Product specifications contained herein may
be changed without prior notice.
It is therefore advisable to contact Purdy
Electronics before proceeding with the design
of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND4GA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4GRA PURDY-AND4GRA Datasheet
66Kb / 2P
InGaN Ultra Bright Green Light Emission Surface Mount Package
More results

Similar Description - AND4GA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4BA PURDY-AND4BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND4GRA PURDY-AND4GRA Datasheet
66Kb / 2P
InGaN Ultra Bright Green Light Emission Surface Mount Package
AND4OA PURDY-AND4OA Datasheet
51Kb / 2P
InGaAlP Ultra Bright Orange Light Emission Surface Mount Package
AND4PGA PURDY-AND4PGA Datasheet
84Kb / 2P
GaP Ultra Bright Green Light Emission GaP Ultra Bright Green Light Emission
AND5BA PURDY-AND5BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND5BB PURDY-AND5BB Datasheet
97Kb / 2P
InGaN Ultra Bright Blue Light Emission Surface Mount Package
AND5G PURDY-AND5G Datasheet
54Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5GA PURDY-AND5GA Datasheet
51Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5PGA PURDY-AND5PGA Datasheet
51Kb / 2P
GaP Ultra Bright Pure Green Light Emission Surface Mount Package
AND5RA PURDY-AND5RA Datasheet
51Kb / 2P
GaAlAs Ultra Bright Red Light Emission Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com