Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND4GRA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND4GRA
Description  InGaN Ultra Bright Green Light Emission Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND4GRA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND4GRA Datasheet HTML 1Page - Purdy Electronics Corporation AND4GRA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
7/18/07
www.purdyelectronics.com
AND4GRA
Ultra Bright LED Lamps: Type 2
Weight: 2.0 mg
Unit: mm
AND4GRA
InGaN Ultra Bright Green Light
Emission
Surface Mount Package
Features
• Small package size
• 2.0 (l) x 1.25 (w) x 1.1 (h) size
• Suitable for DIP and REFLOW soldering
• Recommended Forward Current: 10 mA
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
120
mW
Operating Temp. Range
TOpr
-30 to 80
°C
Storage Temp. Range
TStg
-40to 100
°C
Precaution
Please be careful of the following:
1. Manual soldering: maximum temperature of iron tip: 260°C max.
Soldering time: within 5 sec. per solder-land
Soldering portion of lead: up to 1.6 mm from the body of the device
2. Reflow solder: recommended condition is as follows:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
3.1
3.5
3.8
V
Reverse Current
IR
VR = 5 V
100
µA
Luminous Intensity
IV
IF = 20 mA
84
140
mcd
Peak Emission Wavelength
lP
IF = 20 mA
540
nm
Spectral Line Half Width
∆l
IF = 20 mA
–45–
nm
Dominant Wavelength
ld
IF = 20 mA
530
nm
Full Viewing Angle
2 q 1/2
IF = 20 mA
120
degree
more than 2 min.
230
°C max.
140 - 160
°C
10 sec. max.
Time
4
°C/sec.
max.
The following soldering patterns are
recommended for reflow soldering:
3. Absolute secure counter measures against
static electricity and surge should be taken
when handling these products. It is
recommended to use wrist band or antistatic
gloves when handling these LEDs.
Product specifications contained herein may be changed without prior
notice. It is therefore advisable to contact Purdy Electronics before
proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND4GRA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4GA PURDY-AND4GA Datasheet
83Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
More results

Similar Description - AND4GRA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4BA PURDY-AND4BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND4GA PURDY-AND4GA Datasheet
83Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND4WA PURDY-AND4WA Datasheet
215Kb / 2P
InGaN Ultra Bright White Light Emission Surface Mount Package
AND4WB PURDY-AND4WB Datasheet
112Kb / 2P
InGaN Ultra Bright White Light Surface Mount Package
AND5BB PURDY-AND5BB Datasheet
97Kb / 2P
InGaN Ultra Bright Blue Light Emission Surface Mount Package
AND5G PURDY-AND5G Datasheet
54Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5GA PURDY-AND5GA Datasheet
51Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5PGA PURDY-AND5PGA Datasheet
51Kb / 2P
GaP Ultra Bright Pure Green Light Emission Surface Mount Package
AND5RA PURDY-AND5RA Datasheet
51Kb / 2P
GaAlAs Ultra Bright Red Light Emission Surface Mount Package
AND7GA PURDY-AND7GA Datasheet
119Kb / 2P
InGaN Ultra Bright Green Light Low Profile Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com