Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND4RRA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND4RRA
Description  InGaAIP High Brightness Red Chip LED with Right Angle Lens on Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND4RRA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND4RRA Datasheet HTML 1Page - Purdy Electronics Corporation AND4RRA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
2-21-05
www.purdyelectronics.com
AND4RRA
Ultra Bright LED Lamps
Unit: mm
AND4RRA
InGaAIP High Brightness Red Chip LED with
Right Angle Lens on Surface Mount Package
Features
• 3.0 x 1.0 x 2.0 mm right angle SMD package
• All plastic mold type, clear colorless lens
• Peak wavelength (
λp=632nm) high bright emission
• Low drive current: 1 to 20 mA
• Compatible with automatic placement equipment
• Compatible with infrared & vapor phase reflow solder process
• High efficiency
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
25
mA
Pulse Voltage Current
(Duty Cycle: 1/10 @ 1KHz)
IFP
100
mA
Operating Temperature
TOpr
-40 ~ +85
°C
Storage Temperature
TStg
-40 ~ +90
°C
Electrostatic Discharge
ESD
2000
V
Soldering Temperature
TSol
260 ±5 (<5 seconds)
°C
Power Dissipation
Pd
60
mW
Reverse Voltage
VR
5V
1. Recommended solder condition:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–2.0
2.4
V
Reverse Current
IR
VR = 5 V
–
–
10
µA
Luminous Intensity
IV
IF = 20 mA
90
139
–
mcd
Peak Emission Wavelength
λP
IF = 20 mA
–
632
–
nm
Spectral Line Half Width
λd
IF = 20 mA
–
624
–
nm
Dominant Wavelength
λ/2
IF = 20 mA
–20–
nm
Full Viewing Angle
θ
IV = 1/2 peak
–
120
–
degree
Product specifications contained
herein may be changed without
prior notice. It is therefore
advisable to contact Purdy
Electronics before proceeding
with the design of equipment
incorporating this product.
• RoHS Compliant


Similar Part No. - AND4RRA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4RA PURDY-AND4RA Datasheet
51Kb / 2P
GaAlAs Ultra Bright Red Light Emission Surface Mount Package
More results

Similar Description - AND4RRA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
27-21SURC EVERLIGHT-27-21SURC Datasheet
163Kb / 9P
Chip LED with Right Angle Lens
27-21SYGC EVERLIGHT-27-21SYGC_05 Datasheet
151Kb / 9P
Chip LED with Right Angle Lens
logo
Visual Communications C...
CMDA7 VCC-CMDA7 Datasheet
581Kb / 1P
HIGH BRIGHTNESS Right Angle Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
12-21-BHC-AN1P2-2C TO-GRACE-12-21-BHC-AN1P2-2C Datasheet
770Kb / 10P
Chip LED with Right Angle Lens
12-21-GHC-YR2S2-2C TO-GRACE-12-21-GHC-YR2S2-2C Datasheet
745Kb / 10P
Chip LED with Right Angle Lens
12-21-T3D-AQ2S2M-2C TO-GRACE-12-21-T3D-AQ2S2M-2C Datasheet
842Kb / 12P
Chip LED with Right Angle Lens
12-21USRC-S530-A6-TR8 TO-GRACE-12-21USRC-S530-A6-TR8 Datasheet
859Kb / 9P
Chip LED with Right Angle Lens
12-215-Y2C-BR1S1L-3C TO-GRACE-12-215-Y2C-BR1S1L-3C Datasheet
593Kb / 10P
Chip LED with Right Angle Lens
27-21-BHC-AN1P2-3C TO-GRACE-27-21-BHC-AN1P2-3C Datasheet
772Kb / 10P
Chip LED with Right Angle Lens
27-21-GHC-YR1S2M-3C TO-GRACE-27-21-GHC-YR1S2M-3C Datasheet
841Kb / 10P
Chip LED with Right Angle Lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com