Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND4SA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND4SA
Description  GaAsP Bright Red Light Emission Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND4SA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND4SA Datasheet HTML 1Page - Purdy Electronics Corporation AND4SA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
2-21-05
www.purdyelectronics.com
AND4SA
Ultra Bright LED Lamps: Type 2
Weight: 2.0 mg
Unit: mm
CATHODE
MASK
0.75
2.0
1.4
1.2
+
-
AND4SA
GaAsP Bright Red Light Emission
Surface Mount Package
Features
• Small package size
• 2.0 (l) x 1.25 (w) x 1.1 (h) size
• Suitable for REFLOW soldering
• Recommended Forward Current: 10 mA
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
25
mA
Reverse Voltage
VR
4V
Power Dissipation
PD
62.5
mW
Operating Temperature Range
TOpr
-30 to 85
°C
Storage Temperature Range
TSig
-30 to 90
°C
Precaution
Please be careful of the following:
1. Manual soldering: maximum temperature of iron tip: 260°C max.
Soldering time: within 5 sec. per solder-land
Soldering portion of lead: up to 1.6 mm from the body of the device
2. Reflow solder: recommended condition is as follows:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–2.0
2.8
V
Reverse Current
IR
VR = 4 V
–
–
100
µA
Luminous Intensity
IV
IF = 20 mA
59–
mcd
Peak Emission Wavelength
lP
IF = 20 mA
–
640
–
nm
Spectral Line Half Width
∆λ
IF = 20 mA
–20–
nm
Dominant Wavelength
λd
IF = 20 mA
–
635
–
nm
Full Viewing Angle
θ
IV = 1/2 Peak
–
140
–
degree
more than 2 min.
230
°C max.
140 - 160
°C
10 sec. max.
Time
4
°C/sec.
max.
1.25
1.1
1.25
Reflow
The following soldering patterns
are recommended for reflow
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the
design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND4SA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND410HB PURDY-AND410HB Datasheet
56Kb / 2P
Ultra Bright LED Lamps
AND412HG PURDY-AND412HG Datasheet
56Kb / 2P
Ultra Bright LED Lamps
AND420HWA PURDY-AND420HWA Datasheet
99Kb / 2P
Ultra Bright LED Lamps
AND420HWB PURDY-AND420HWB Datasheet
98Kb / 2P
Ultra Bright LED Lamps
AND4310 PURDY-AND4310 Datasheet
49Kb / 2P
LED Displays
More results

Similar Description - AND4SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLS258 ETC1-TLS258 Datasheet
115Kb / 1P
GaAsP RED LIGHT EMISSION
logo
Purdy Electronics Corpo...
AND4BA PURDY-AND4BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND4OA PURDY-AND4OA Datasheet
51Kb / 2P
InGaAlP Ultra Bright Orange Light Emission Surface Mount Package
AND4RA PURDY-AND4RA Datasheet
51Kb / 2P
GaAlAs Ultra Bright Red Light Emission Surface Mount Package
AND5BA PURDY-AND5BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND5BB PURDY-AND5BB Datasheet
97Kb / 2P
InGaN Ultra Bright Blue Light Emission Surface Mount Package
AND5G PURDY-AND5G Datasheet
54Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5GA PURDY-AND5GA Datasheet
51Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5RA PURDY-AND5RA Datasheet
51Kb / 2P
GaAlAs Ultra Bright Red Light Emission Surface Mount Package
AND5SA PURDY-AND5SA Datasheet
55Kb / 2P
GaAsP Bright Red Light Emission Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com