Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND4WA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND4WA
Description  InGaN Ultra Bright White Light Emission Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND4WA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND4WA Datasheet HTML 1Page - Purdy Electronics Corporation AND4WA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
3-19-03
www.purdyelectronics.com
AND4WA
Ultra Bright LED Lamps
Weight: 2.0 mg
Unit: mm
Note: Tolerance unless mentioned
is: ± 0.1 mm; Unit = mm
AND4WA
InGaN Ultra Bright White Light
Emission Surface Mount Package
Features
• P-LCC-2 package
• Fluorescense Type
• High Luminous Intensity
• High Efficiency
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
5V
Peak Forward Current (Duty 1/10 @ 1KHz)
IFP
100
mA
Power Dissipation
PD
110
mW
Electrostatic Discharge (HBM)
ESD
1000
V
Operating Temperature Range
TOpr
-40 to 85
°C
Storage Temperature Range
TStg
-40to 90
°C
Soldering Temperature
TSOL
Reflow Soldering: 260 ºC for 10 sec. Hand Soldering: 350
ºC for 3 sec.
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
3.0
–
3.6
V
Reverse Current
IR
VR = 5 V
–
–
50
µA
Luminous Intensity
IV
IF = 20 mA
900
–
1800
mcd
Viewing Angle
201/2
IF = 20 mA
–
120
–
degree
Notes:
1. Tolerance of Luminous Intensity: ± 11%
2. Tolerance of Forward Voltage: ± 0.05V
Product specifications contained herein may be changed
without prior notice. It is therefore advisable to contact Purdy
Electronics before proceeding with the design of equipment
incorporating this product.
• RoHS Compliant
• Pb-free


Similar Part No. - AND4WA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4WB PURDY-AND4WB Datasheet
112Kb / 2P
InGaN Ultra Bright White Light Surface Mount Package
More results

Similar Description - AND4WA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4BA PURDY-AND4BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND4GRA PURDY-AND4GRA Datasheet
66Kb / 2P
InGaN Ultra Bright Green Light Emission Surface Mount Package
AND4OA PURDY-AND4OA Datasheet
51Kb / 2P
InGaAlP Ultra Bright Orange Light Emission Surface Mount Package
AND4WB PURDY-AND4WB Datasheet
112Kb / 2P
InGaN Ultra Bright White Light Surface Mount Package
AND5BA PURDY-AND5BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND5BB PURDY-AND5BB Datasheet
97Kb / 2P
InGaN Ultra Bright Blue Light Emission Surface Mount Package
AND5G PURDY-AND5G Datasheet
54Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5GA PURDY-AND5GA Datasheet
51Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5RA PURDY-AND5RA Datasheet
51Kb / 2P
GaAlAs Ultra Bright Red Light Emission Surface Mount Package
AND7WA PURDY-AND7WA Datasheet
120Kb / 2P
InGaN Ultra Bright White Light Low Profile Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com