Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND4WB Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND4WB
Description  InGaN Ultra Bright White Light Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND4WB Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND4WB Datasheet HTML 1Page - Purdy Electronics Corporation AND4WB Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
09/12//04
www.purdyelectronics.com
AND4WB
Ultra Bright LED Lamps
AND4WB
InGaN Ultra Bright White Light
Surface Mount Package
Features
• Small package size
• Compatible with automatic placement equipment.
• Compatible w/ infrared & vapor phase reflow solder process.
Applications
• Backlighting in auto dashboard & switch.
• Flat backlight for LCD, switch & symbol.
• General use for miniature applications.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
25
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
110
mW
Operating Temp. Range
TOpr
-40~ +85
°C
Storage Temp. Range
TStg
-40~ +90
°C
Soldering Temp. (for 5 seconds)
TSol
260
°C
Electrostatic Discharge
ESD
150
V
Peak Forward Current (Duty 1/10 @ 1KHz)
IF
100
mA
Precautions:
1. Static electricity and surge can damage the LED. It is recommended to use wrist band or antistatic gloves when handling the LED.
2. Recommended solder condition:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–
3.30
3.65
V
Reverse Current
IR
VR = 5 V
–
–
50
µA
Luminous Intensity
IV
IF = 20 mA
90
182
–
mcd
Chromaticity Coordinates
xIF = 20 mA
–0.29–
nm
Chromaticity Coordinates
yIF = 20 mA
–0.30–
nm
Full Viewing Angle
2
θ 1/2
IF = 20 mA
–
150
–
degree
Product specifications contained herein may be changed
without prior notice. It is therefore advisable to contact
Purdy Electronics before proceeding with the design of
equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND4WB

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4WA PURDY-AND4WA Datasheet
215Kb / 2P
InGaN Ultra Bright White Light Emission Surface Mount Package
More results

Similar Description - AND4WB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LP377PWN1-60G MARKTECH-LP377PWN1-60G Datasheet
106Kb / 2P
P4 InGaN White Ultra Bright LED
LP378PWN1-C0G MARKTECH-LP378PWN1-C0G Datasheet
111Kb / 2P
P4 White InGaN Ultra Bright LED
logo
Purdy Electronics Corpo...
AND4BA PURDY-AND4BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND4GRA PURDY-AND4GRA Datasheet
66Kb / 2P
InGaN Ultra Bright Green Light Emission Surface Mount Package
AND4WA PURDY-AND4WA Datasheet
215Kb / 2P
InGaN Ultra Bright White Light Emission Surface Mount Package
AND5BA PURDY-AND5BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND5BB PURDY-AND5BB Datasheet
97Kb / 2P
InGaN Ultra Bright Blue Light Emission Surface Mount Package
AND7BA PURDY-AND7BA Datasheet
119Kb / 2P
InGaN Ultra Bright Blue Light Low Profile Surface Mount Package
AND7GA PURDY-AND7GA Datasheet
119Kb / 2P
InGaN Ultra Bright Green Light Low Profile Surface Mount Package
AND7WA PURDY-AND7WA Datasheet
120Kb / 2P
InGaN Ultra Bright White Light Low Profile Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com