Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND5BA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND5BA
Description  GaN Ultra Bright Blue Light Emission Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND5BA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND5BA Datasheet HTML 1Page - Purdy Electronics Corporation AND5BA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
7/18/07
www.purdyelectronics.com
AND5BA
Ultra Bright LED Lamps
Weight: 2.0
Unit: mm
Cathode Index
2.4±0.1
0.5±0.1
2.5±0.2
Polarity
0.5±0.1
R0.9±0.1
AND5BA
GaN Ultra Bright Blue Light Emission
Surface Mount Package
Features
• Small package size with dome lens
• 3.2 (l) x 2.4 (w) x 2.6 (h) size
• Suitable for REFLOW soldering
• Recommended Forward Current: 10 mA
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
4V
Power Dissipation
PD
100
mW
Operating Temperature Range
TOpr
-30 to 85
°C
Storage Temperature Range
TStg
-30to 90
°C
3. Absolute secure counter measures against
static electricity and surge should be taken
when handling these products. It is
recommended to use wrist band or antistatic
gloves when handling these LEDs.
Precaution
Please be careful of the following:
1. Manual soldering: maximum temperature of iron tip: 260°C max.
Soldering time: within 5 sec. per solder-land
Soldering portion of lead: up to 1.6 mm from the body of the device
2. Reflow solder: recommended condition is as follows:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–3.8
4.5
V
Reverse Current
IR
VR = 4 V
–
–
100
µA
Luminous Intensity
IV
IF = 20 mA
90
112
–
mcd
Peak Emission Wavelength
lP
IF = 20 mA
–
430
–
nm
Spectral Line Half Width
∆l
IF = 20 mA
–65–
nm
Dominant Wavelength
ld
IF = 20 mA
–
450
–
nm
Full Viewing Angle
θ
IV = 1/2 Peak
–
30
–
degree
more than 2 min.
230
°C max.
140 - 160
°C
10 sec. max.
Time
4
°C/sec.
max.
2.5
2.0
2.5
Reflow
The following soldering patterns are
recommended for reflow soldering
Product specifications contained herein may be changed without prior
notice. It is therefore advisable to contact Purdy Electronics before
proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND5BA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND5BB PURDY-AND5BB Datasheet
97Kb / 2P
InGaN Ultra Bright Blue Light Emission Surface Mount Package
More results

Similar Description - AND5BA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4BA PURDY-AND4BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND4GA PURDY-AND4GA Datasheet
83Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND4OA PURDY-AND4OA Datasheet
51Kb / 2P
InGaAlP Ultra Bright Orange Light Emission Surface Mount Package
AND4WA PURDY-AND4WA Datasheet
215Kb / 2P
InGaN Ultra Bright White Light Emission Surface Mount Package
AND5BB PURDY-AND5BB Datasheet
97Kb / 2P
InGaN Ultra Bright Blue Light Emission Surface Mount Package
AND5G PURDY-AND5G Datasheet
54Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5GA PURDY-AND5GA Datasheet
51Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5OA PURDY-AND5OA Datasheet
54Kb / 2P
InGaAIP Ultra Bright Orange Light Emission Surface Mount Package
AND5RA PURDY-AND5RA Datasheet
51Kb / 2P
GaAlAs Ultra Bright Red Light Emission Surface Mount Package
AND6BA PURDY-AND6BA Datasheet
66Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Pkg
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com