Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND7GA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND7GA
Description  InGaN Ultra Bright Green Light Low Profile Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND7GA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND7GA Datasheet HTML 1Page - Purdy Electronics Corporation AND7GA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
7/18/07
www.purdyelectronics.com
AND7GA
Ultra Bright LED Lamps
Precautions:
1. Static electricity and surge can damage the LED. It is recommended to use wrist band or antistatic gloves when handling the LED.
2. Recommended solder condition:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 5 mA
–3.0
–
V
Forward Voltage
VF
IF = 20 mA
–3.5
4.3
V
Reverse Current
IR
VR = 5 V
–
–
50
µA
Luminous Intensity
IV
IF = 5 mA
–60–
mcd
Luminous Intensity
IV
IF = 20 mA
112
180
–
mcd
Peak Wavelength
λP
IF = 20 mA
–
518
–
nm
Spectral Line Half Width
∆
λ
IF = 20 mA
–36–
nm
Dominant Wavelength
λd
IF = 20 mA
–
525
–
nm
Full Viewing Angle
2
θ 1/2
IF = 20 mA
–
120
–
degree
AND7GA
InGaN Ultra Bright Green Light
Low Profile Surface Mount Package
Features
• 0.40 mm height
• Compatible with automatic placement equipment.
• Compatible w/ infrared & vapor phase reflow solder process.
Applications
• Backlighting in auto dashboard & switch.
• Flat backlight for LCD, switch & symbol.
• General use for miniature applications.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
110
mW
Operating Temp. Range
TOpr
-40~ +85
°C
Storage Temp. Range
TStg
-40~ +90
°C
Soldering Temp. (for 5 seconds)
TSol
260
°C
Electrostatic Discharge
ESD
150
V
Peak Forward Current (Duty 1/10 @ 1KHz)
IF
100
mA
Product specifications contained herein may be
changed without prior notice. It is therefore
advisable to contact Purdy Electronics before
proceeding with the design of equipment
incorporating this product.
• RoHS Compliant


Similar Part No. - AND7GA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND7GB PURDY-AND7GB Datasheet
124Kb / 2P
InGaAIP Ultra Bright Green Light Low Profile Surface Mount Package
More results

Similar Description - AND7GA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4GRA PURDY-AND4GRA Datasheet
66Kb / 2P
InGaN Ultra Bright Green Light Emission Surface Mount Package
AND4WA PURDY-AND4WA Datasheet
215Kb / 2P
InGaN Ultra Bright White Light Emission Surface Mount Package
AND4WB PURDY-AND4WB Datasheet
112Kb / 2P
InGaN Ultra Bright White Light Surface Mount Package
AND5BB PURDY-AND5BB Datasheet
97Kb / 2P
InGaN Ultra Bright Blue Light Emission Surface Mount Package
AND5GA PURDY-AND5GA Datasheet
51Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND7BA PURDY-AND7BA Datasheet
119Kb / 2P
InGaN Ultra Bright Blue Light Low Profile Surface Mount Package
AND7GB PURDY-AND7GB Datasheet
124Kb / 2P
InGaAIP Ultra Bright Green Light Low Profile Surface Mount Package
AND7RA PURDY-AND7RA Datasheet
126Kb / 4P
InGaAIP Ultra Bright Red Light Low Profile Surface Mount Package
AND7WA PURDY-AND7WA Datasheet
120Kb / 2P
InGaN Ultra Bright White Light Low Profile Surface Mount Package
AND7YA PURDY-AND7YA Datasheet
121Kb / 2P
InGaAIP Ultra Bright Yellow Light Low Profile Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com