Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4617 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 2SC4617
Description  NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2SC4617 Datasheet(HTML) 1 Page - Motorola, Inc

  2SC4617 Datasheet HTML 1Page - Motorola, Inc 2SC4617 Datasheet HTML 2Page - Motorola, Inc 2SC4617 Datasheet HTML 3Page - Motorola, Inc 2SC4617 Datasheet HTML 4Page - Motorola, Inc 2SC4617 Datasheet HTML 5Page - Motorola, Inc 2SC4617 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Preliminary Information
NPN Silicon General Purpose
Amplifier Transistor
This NPN transistor is designed for general purpose amplifier applications.
This device is housed in the SOT-416/SC–90 package which is designed for
low power surface mount applications, where board space is at a premium.
• Reduces Board Space
• High hFE, 210–460 (typical)
• Low VCE(sat), < 0.5 V
• Available in 8 mm, 7-inch/3000 Unit Tape and Reel
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
50
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
5.0
Vdc
Collector Current — Continuous
IC
100
mAdc
DEVICE MARKING
2SC4617 = B9
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation(1)
PD
125
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
– 55 ~ + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage (IC = 50 µAdc, IE = 0)
V(BR)CBO
50
—
—
Vdc
Collector-Emitter Breakdown Voltage (IC = 1.0 mAdc, IB = 0)
V(BR)CEO
50
—
—
Vdc
Emitter-Base Breakdown Voltage (IE = 50 µAdc, IE = 0)
V(BR)EBO
5.0
—
—
Vdc
Collector-Base Cutoff Current (VCB = 30 Vdc, IE = 0)
ICBO
—
—
0.5
µA
Emitter-Base Cutoff Current (VEB = 4.0 Vdc, IB = 0)
IEBO
—
—
0.5
µA
Collector-Emitter Saturation Voltage(2)
(IC = 60 mAdc, IB = 5.0 mAdc)
VCE(sat)
—
—
0.4
Vdc
DC Current Gain(2)
(VCE = 6.0 Vdc, IC = 1.0 mAdc)
hFE
120
—
560
—
Transition Frequency (VCE = 12 Vdc, IC = 2.0 mAdc, f = 30 MHz)
fT
—
180
—
MHz
Output Capacitance (VCB = 12 Vdc, IC = 0 Adc, f = 1 MHz)
COB
—
2.0
—
pF
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
2. Pulse Test: Pulse Width
≤ 300 µs, D.C. ≤ 2%.
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Thermal Clad is a trademark of the Bergquist Company
Order this document
by 2SC4617/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2SC4617
NPN GENERAL
PURPOSE AMPLIFIER
TRANSISTORS
SURFACE MOUNT
CASE 463–01, STYLE 1
SOT–416/SC–90
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
© Motorola, Inc. 1996


Similar Part No. - 2SC4617

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
128Kb / 6P
General Purpose Amplifier Transistors(NPN Silicon)
November, 2001 ??Rev. 3
logo
Rohm
2SC4617 ROHM-2SC4617 Datasheet
77Kb / 3P
2SC4097 / 2SC1741S
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
64Kb / 8P
NPN Silicon General Purpose Amplifier Transistor
November, 2001 ??Rev. 3
logo
Weitron Technology
2SC4617 WEITRON-2SC4617 Datasheet
240Kb / 5P
NPN General Purpose Transistors
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
More results

Similar Description - 2SC4617

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSB710QT1 MOTOROLA-MSB710QT1 Datasheet
125Kb / 6P
PNP General Purpose Amplifier Transistors Surface Mount
MSD1819ART1 MOTOROLA-MSD1819ART1 Datasheet
153Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MSD601RT1 MOTOROLA-MSD601RT1 Datasheet
110Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount?
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MSD1819A-RT1 ONSEMI-MSD1819A-RT1 Datasheet
101Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
E-Tech Electronics LTD
MSD601 ETL-MSD601 Datasheet
78Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
MSD601-RT1 ONSEMI-MSD601-RT1_12 Datasheet
85Kb / 3P
NPN General Purpose Amplifier Transistors Surface Mount
July, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com