Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB0705 Datasheet(PDF) 6 Page - Superworld Electronics

Part # SSB0705
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB0705 Datasheet(HTML) 6 Page - Superworld Electronics

  SSB0705 Datasheet HTML 1Page - Superworld Electronics SSB0705 Datasheet HTML 2Page - Superworld Electronics SSB0705 Datasheet HTML 3Page - Superworld Electronics SSB0705 Datasheet HTML 4Page - Superworld Electronics SSB0705 Datasheet HTML 5Page - Superworld Electronics SSB0705 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
18.04.2008
SMD POWER INDUCTORS
SSB0705 SERIES
10. UL CARD :
H
I
___
___
A
___
___
___
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
24
130
130
94V-0
1.5
130
3.0
3.0
0.75
1.5
0.30
E4810
NC , BK
94V-0
130
94V-0
130
94V-0
94V-0
94V-0
130
130
130
04
130
130
130
130
4
1
130
130
130
130
130
130
4
___
1
4
0
H
Mech
UL94
Min
Elec
mm
1.5
3.0
0.75
0.30
Thk
1.5
3.0
0.75
1.5
3.0
0.75
0.30
0.75
0.30
0.30
E4010
E400(Y)L , E4008L
NC , BK
NC , BK
Mtl Dsg
E4008 , E400X
E4008
NC , BK
NC , WT , BK
Col
4
3
180
220
94V-0
220
94V-0
220
94V-0
94V-0
94V-0
94V-0
220
220
130
130
94V-0
94V-0
94V-0
220
130
220
4
3
180
220
240
240
130
130
200
200
130
130
4
___
1
24
4
3
240
240
130
200
200
130
4
___
1
24
94V-0
130
94V-0
94V-0
94V-0
94V-0
130
130
130
130
Class
Flame
130
130
130
130
130
130
130
130
130
130
4
3
4
___
1
24
Imp
w/o
Imp
with
I
___
W
RTI
___
___
___
5
04
___
5
___
___
0
___
___
___
4
___
___
___
4C
V
___
___
___
___
___
___
___
5
___
0
___
___
4
___
___
___
___
5
___
___
___
0
___
___
4
___
___
___
___
___
___
___
5
___
___
0
___
4
___
5
___
9
R
___
T
I
___
T
E54705 (M)
D
H
GUANGDONG CHINA
Mtl Dsg
BC
TC
__
__
__
Coating Type
Type
__
ANSI
TI



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com