Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB1003100MF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SSB1003100MF
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB1003100MF Datasheet(HTML) 3 Page - Superworld Electronics

  SSB1003100MF Datasheet HTML 1Page - Superworld Electronics SSB1003100MF Datasheet HTML 2Page - Superworld Electronics SSB1003100MF Datasheet HTML 3Page - Superworld Electronics SSB1003100MF Datasheet HTML 4Page - Superworld Electronics SSB1003100MF Datasheet HTML 5Page - Superworld Electronics SSB1003100MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
18.04.2008
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
SSB1003 SERIES
1R5M
1R5M
0
0
5
FREQUENCY(MHZ)
10
10-1
5
3
-2
10
5
3
10
100
5
3
-1
3
101
35
10
5
3
2
10
3
3
-1
10
-3
10
5
3
10-2
5
5
3
10
DC CURRENT (A)
0
10-1
10
35
3
1
10
5
3
2
10
5
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
1
10
1
10
5
3
L
(uH)
5
3
100M
3
2
5
3
5
3
10
331M
101M
102M
4
10
0 0
20
10
10
(uH)
100M
1
10
5
3
5
3
L
3
2
5
331M
101M
3
5
3
10
102M
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
DC CURRENT (A)
4
10
24
35
7
6
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
40
30
(°C)
t
50
70
60
102M 331M
80
90
101M
100M
1R5M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com