Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND064VT4N1-4HB Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND064VT4N1-4HB
Description  Color TFT LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND064VT4N1-4HB Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND064VT4N1-4HB Datasheet HTML 1Page - Purdy Electronics Corporation AND064VT4N1-4HB Datasheet HTML 2Page - Purdy Electronics Corporation AND064VT4N1-4HB Datasheet HTML 3Page - Purdy Electronics Corporation AND064VT4N1-4HB Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
5/6/08
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
1
www.purdyelectronics.com
Displays
AND064VT4N1-4HB
6.4” VGA
Color TFT LCD Module
The AND064VT4N1-4HB is a compact full color amorphous
silicon TFT LCD module, that is suitable for applications such
as computers, industrial, and test equipment, image
communication and multi-media. This device consists of a
twisted nematic (TN) liquid crystal cell, that incorporates a
TFT-array that has 640 x 480 pixels on a 6.4 inch diagonal
screen, X and Y drivers, an LSI controller, and a built-in
CCFL backlight.
Features
• High aperture ratio
• Single 5V input for LCD
• Sunlight readable
• Dual CCFL backlight unit
• High contrast ratio
• High image quality
• RoHS compliant
• Active/outline area=62.3%
• Image Reversion: Up/Down & Left/Right
• Backlight lamps are replaceable
• Compatible w/VGA-480, VGA-400, VGA-350 & free format
Mechanical Characteristics
Absolute Maximum Rating
Electrical Specification
Item
Specification
Unit
Screen Size
6.4 inch (17 cm) diagonal
inch
Outline Dimensions
175.0 (H) x 126.5 (V) x 12.5 (D)
mm
Active Area
129.60 (H) x 97.44 (V)
mm
Input Signal
6-bit Digital
Pixel No. (RGB trio)
640 (H) x 480 (V)
dot
Dot Pitch
0.0675 (H) x 0.203 (V)
mm
Pixel Configurationt
Stripe
Pixel Pitch
0.203 (H) x 0.203 (V)
mm
Weight
340±10
g
Item
Symbol
Conditions
Absolute Max. Rating
Unit
Min.
Max.
+5V SupplyVoltage
VCC
Ta-25°C
-0.3
7.0
V
Input Signals Voltage
Vsig
Ta-25°C
-0.3
VCC+0.3
V
Operating Temperature
Top
-20
+70
°C
Storage Temperature
Tstg
-30
+70
°C
Humidity (No condensation of water)
≤40°C
95%
RH
Item
Symbol
Conditions
Specifications
Units
Min.
Typ.
Max.
Supply Voltage
VCC
Ta=25°C
4.75
5.0
5.25
V
Current Dissipation
ICC
Ta=25°C
500
600
mA
Supply Input Ripple Voltage
VCCRP
Ta=25°C
0.1
Vp-p
Input Signals Voltage (High)
VIH
Ta=25°C
2.6
V
Input Signals Voltage (Low)
VIL
Ta=25°C
0.5
V
Tube Current
IE
Ta=25°C
6
mA
Tube Voltage
VL
Ta=25°C
380
VRMS
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND064VT4N1-4HB

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND064VT4N1-HB PURDY-AND064VT4N1-HB Datasheet
202Kb / 4P
Color TFT LCD Module
logo
List of Unclassifed Man...
AND064VT4N1-HB ETC2-AND064VT4N1-HB Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
More results

Similar Description - AND064VT4N1-4HB

ManufacturerPart #DatasheetDescription
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
TFT COLOR LCD MODULE
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
TFT COLOR LCD MODULE
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
color TFT LCD module
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
TFT LCD Color Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com