Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB0604221MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSB0604221MZF
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB0604221MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SSB0604221MZF Datasheet HTML 1Page - Superworld Electronics SSB0604221MZF Datasheet HTML 2Page - Superworld Electronics SSB0604221MZF Datasheet HTML 3Page - Superworld Electronics SSB0604221MZF Datasheet HTML 4Page - Superworld Electronics SSB0604221MZF Datasheet HTML 5Page - Superworld Electronics SSB0604221MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSB0604 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
47.0±20%
SSB0604470MZF
SSB0604680MZF
SSB0604560MZF
SSB0604820MZF
68.0±20%
56.0±20%
82.0±20%
1.5±20%
SSB06041R5MZF
SSB06042R2MZF
SSB06044R7MZF
SSB06046R8MZF
SSB06043R3MZF
SSB0604120MZF
SSB0604180MZF
SSB0604150MZF
SSB0604270MZF
SSB0604330MZF
SSB0604220MZF
SSB0604100MZF
SSB0604390MZF
18.0±20%
15.0±20%
27.0±20%
33.0±20%
22.0±20%
39.0±20%
2.2±20%
4.7±20%
6.8±20%
3.3±20%
12.0±20%
10.0±20%
Part No.
SSB06041R0MZF
Inductance
1.0±20%
( µH )
300
0.47
500
390
340
0.35
0.42
0.40
25
2.20
170
220
240
110
100
150
0.55
0.60
0.50
0.80
0.70
0.65
55
90
65
30
50
35
1.10
0.90
1.00
1.90
1.30
1.70
( m )
RDC
22
Max.
IDC
( A )
Max.
2.50
0.32
0.30
0.22
0.25
0.18
0.17
0.20
0.15
0.12
0.13
0.11
0.16
0.27
SSB0604821MZF
SSB0604102MZF
SSB0604561MZF
SSB0604681MZF
SSB0604471MZF
820.0±20%
1000.0±20%
560.0±20%
680.0±20%
470.0±20%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
4900
5700
3300
3700
3000
SSB0604331MZF
SSB0604391MZF
SSB0604271MZF
SSB0604221MZF
SSB0604181MZF
SSB0604151MZF
330.0±20%
390.0±20%
270.0±20%
220.0±20%
180.0±20%
150.0±20%
SSB0604121MZF
SSB0604101MZF
120.0±20%
100.0±20%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1760
2600
1550
990
1150
900
1V / 100K
1V / 100K
630
570
Test
( Hz )
Frequency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com