Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND064VT5N1-WVHB Datasheet(PDF) 3 Page - Purdy Electronics Corporation

Part # AND064VT5N1-WVHB
Description  Color TFT LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND064VT5N1-WVHB Datasheet(HTML) 3 Page - Purdy Electronics Corporation

  AND064VT5N1-WVHB Datasheet HTML 1Page - Purdy Electronics Corporation AND064VT5N1-WVHB Datasheet HTML 2Page - Purdy Electronics Corporation AND064VT5N1-WVHB Datasheet HTML 3Page - Purdy Electronics Corporation AND064VT5N1-WVHB Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AND064VT5N1-WVHB
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
1/28/08
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
3
www.purdyelectronics.com
Displays
Dimensional Outline
Note: The TFT-LCD module is compatible with four kinds of VGA timing. They are VGA-480, VGA-400, VGA-350 and freedom
mode. The polarization of Hsync and Vsync determine the timing.
R/L is the Right/Left shift signal. The default value of the
system is High.
Input/Output Signal Timing Chart
U/D is the Up/Down shift signal. The default value of the
system is High.
Input/Output Connector
(A)
LCD module connector
Hirose DF9A-31P-1V
(B)
Backlight connector
JST BHR-03VS-1
Pin No.: 3
Pitch: 4 mm
Red: High voltage
White: Low voltage
VGA-480
VGA-400
VGA-350
Freedom Mode
Hsync Polarization
Negative
Negative
Positive
Positive
Vsync Polarization
Negative
Positive
Negative
Positive
General mechanical tolerance = 0.5mm
(1) R/L = High
U/D = Low
(2) R/L = Low
U/D = Low
(1) R/L = High
U/D = Low
(2) R/L = High
U/D = High
Parameters
Symbol
Format
Min
Typ
Max
Unit
Clock
Frequency
Fc=1/Tc
All
–
25.175
–
MHz
High Time
Tckh
All
10
–
–
ns
Low Time
Tckl
All
10
–
–
ns
Periodic = Line
Thp
All
–
31.778
–
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com