Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND157HGP Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND157HGP
Description  Ultra Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND157HGP Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND157HGP Datasheet HTML 1Page - Purdy Electronics Corporation AND157HGP Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND157HGP
InGaAIP High Brightness Green Light Emission
Ultra Bright LED Lamps
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
7/18/07
-20
0
20
40
60
80
10
20
50
100
200
Relative Luminous Intensity vs. Ambient Temp. (IF =20mA)
Ambient Temperature Ta (ºC)
Forward Current Derating Curve Ta=25ºC
Ambient Temperature Ta (C)
0
20
40
60
80
100
10
15
20
25
35
450
500
550
600
650
700
750
0
25
50
75
100
Spectrum Distribution
Wavelength
λ p (nm)
Ta = 25C
Radiation Pattern
Ta = 25C
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
0.2
0
0.4
0.8
0.6
Forward Current vs. Forward Voltage
Forward Voltage (VF ) - volts
30
85
100
400
1.2
1.6
2.0
2.4
2.8
3.0
0.01
10
20
30
50
40
Radiation Diagram
0.5
0.3
0.1
10
10
10
10
1
1000
100
10
Ta = 25C
Luminous intensity vs. Forward Current
Forward Current IF (mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com