Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND157HSP Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND157HSP
Description  Ultra Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND157HSP Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND157HSP Datasheet HTML 1Page - Purdy Electronics Corporation AND157HSP Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND157HSP
InGaAlP High Brightness Soft Red Light Emission
Ultra Bright LED Lamps
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
1/30/07
-20
0
204060
80
0.1
0.3
0.5
1
3
IV – TC
Case Temperature TC (ºC)
IF – Ta
Ambient Temperature Ta (ºC)
0
20
40
60
80
100
0
20
40
60
80
580
600
620
640
660
680
700
0
0.2
0.4
0.6
0.8
1.0
Relative Luminous Intensity – Wavelength
Wavelength
λ (nm)
IF = 20 mA
Ta = 25ºC
Radiation Pattern
Ta = 25ºC
90º
80º
70º
60º
50º
40º
30º
20º
10º
0º
10º
20º
30º
40º
50º
60º
70º
80º
90º
0.2
00.4
0.8
0.6
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
1
3
5
10
30
50
IF – VF
Forward Voltage VF (V)
Ta = 25ºC
1
3
5
10
30
50
100
200
500
10000
5000
3000
1000
20000
Ta = 25ºC
IV – IF
Forward Current IF (mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com