Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND191CRP Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND191CRP
Description  Ultra Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND191CRP Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND191CRP Datasheet HTML 1Page - Purdy Electronics Corporation AND191CRP Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND191CRP
GaAlAs Red Light Emission
Ultra Bright LED Lamps: Type 1
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
6/12/07
IV – VF
Forward Current IF (mA)
12
510
20
50
0.1
0.2
0.5
1
2
5
-20
0
20
40
60
80
0.1
0.3
0.5
1
3
IV – TC
Case Temperature TC (C)
IF – Ta
Ambient Temperature Ta (C)
0
20
40
60
80
100
0
20
40
60
80
600
620
640
660
680
700
720
0
0.2
0.4
0.6
0.8
1.0
Relative Luminous Intensity – Wavelength
Wavelength
λ (nm)
IF = 20 mA
Ta = 25C
Radiation Pattern
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
0.2
0
0.4
0.8
0.6
1.4
1.5
1.6
1.7
1.8
1.9
2.0
1
3
5
10
30
50
IF – VF
Forward Voltage VF (V)
Ta = 25C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com