Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND218YPA Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND218YPA
Description  Standard Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND218YPA Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND218YPA Datasheet HTML 1Page - Purdy Electronics Corporation AND218YPA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND218YPA
Standard Bright LED Lamps
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com •
www.purdyelectronics.com
7/18/07
IV vs. IF
5
2
1
0.5
0.2
0.1
1
25
10
Forward Current IF (mA)
20
50
IV vs. TC
3
2
1
0.5
0.4
0.3
-20
0
20
40
60
80
Case Temperature TC (°C)
IV vs.TA
Ambient Temperature TA (°C)
40
30
20
10
0
0
20406080
100
Relative Luminous Intensity vs. Wavelength
Wavelength (nm)
1.0
0.8
0.6
0.4
0.2
0
520
540
560
580
600
620
640
660
680
700
720
740
760
780
800
TA = 25°
2.3
1.7
1.8
1.9
2.0
2.1
2.2
1
3
2
5
10
30
20
50
Forward Voltage VF (V)
IF vs. VF
TA = 25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com