Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND262YAP Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND262YAP
Description  Ultra Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND262YAP Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND262YAP Datasheet HTML 1Page - Purdy Electronics Corporation AND262YAP Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com • www.purdyelectronics.com
7/18/07
AND262YAP
Ultra Bright LED Lamps: Type 2
Weight: 0.14 g
Unit: mm
2.54
3.0
1. Anode
2. Cathode
12
0.5
Cathode Index
AND262YAP
InGaAlP Yellow Light Emission
T-1 Package (3 mm)
Features
• High efficient yellow LED
• Peak wavelength (lp = 590 nm) high bright emission
• All plastic mold type, clear colorless lens
• Low drive current: 10-20 mA recommended
• Excellent On-Off contrast ratio
• Fast response time, capable of pulse operation
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
4V
Power Dissipation
PD
70
mW
Operating Temperature Range
TOpr
-25 to 85
°C
Storage Temperature Range
TStg
-25 to 100
°C
Precaution
Please be careful of the following:
1. Soldering temperature: 260°C max
Soldering time: 5 sec. max
Soldering portion of lead: up to 1.6 mm from the body of the device
2. The lead can be formed up to 5 mm from the body of the device without forming stress.
Soldering should be performed after the lead forming.
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–2.1
2.4
V
Reverse Current
IR
VR = 4 V
–
–
50
µA
Luminous Intensity
IV
IF = 20 mA
70
120
–
mcd
Peak Emission Wavelength
lP
IF = 20 mA
–
590
–
nm
Spectral Line Half Width
∆l
IF = 20 mA
–13–
nm
Dominant Wavelength
ld
IF = 20 mA
–
587
–
nm
Full Viewing Angle
q
IV = 1/2 Peak
–
36
–
degree
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND262YAP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND262GCP PURDY-AND262GCP Datasheet
46Kb / 2P
Ultra Bright LED Lamps
AND262HAP PURDY-AND262HAP Datasheet
59Kb / 2P
Ultra Bright LED Lamps
AND262HBA PURDY-AND262HBA Datasheet
59Kb / 2P
Ultra Bright LED Lamps
AND262HBB PURDY-AND262HBB Datasheet
60Kb / 2P
Ultra Bright LED Lamps
AND262HG PURDY-AND262HG Datasheet
59Kb / 2P
Ultra Bright LED Lamps
More results

Similar Description - AND262YAP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND157HGP PURDY-AND157HGP Datasheet
90Kb / 2P
Ultra Bright LED Lamps
AND157HSP PURDY-AND157HSP Datasheet
77Kb / 2P
Ultra Bright LED Lamps
AND180HRP PURDY-AND180HRP Datasheet
61Kb / 2P
Ultra Bright LED Lamps
AND183HGP PURDY-AND183HGP Datasheet
25Kb / 2P
Ultra Bright LED Lamps
AND190HAP PURDY-AND190HAP Datasheet
49Kb / 2P
Ultra Bright LED Lamps
AND190HBB PURDY-AND190HBB Datasheet
57Kb / 2P
Ultra Bright LED Lamps
AND191CRP PURDY-AND191CRP Datasheet
106Kb / 2P
Ultra Bright LED Lamps
AND262GCP PURDY-AND262GCP Datasheet
46Kb / 2P
Ultra Bright LED Lamps
AND262HBB PURDY-AND262HBB Datasheet
60Kb / 2P
Ultra Bright LED Lamps
AND157HYP PURDY-AND157HYP_15 Datasheet
194Kb / 2P
Ultra Bright LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com