Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND420HWA Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND420HWA
Description  Ultra Bright LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND420HWA Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND420HWA Datasheet HTML 1Page - Purdy Electronics Corporation AND420HWA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND420HWA
InGaN High Brightness White Light Emission
Ultra Bright LED Lamps
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
10/16/07
-20
0
20
40
60
80
0.1
0.3
0.5
1
3
IV – TC
Case Temperature TC (ºC)
IF – Ta
Ambient Temperature Ta (ºC)
0
20
40
60
80
100
0
10
20
30
40
200
300
400
500
600
700
800
0
0.2
0.4
0.6
0.8
1.0
Relative Luminous Intensity – Wavelength
Wavelength
λ (nm)
IF = 20 mA
Ta = 25ºC
Radiation Pattern
Ta = 25ºC
90º
80º
70º
60º
50º
40º
30º
20º
10º
0º
10º
20º
30º
40º
50º
60º
70º
80º
90º
0.2
00.4
0.8
0.6
2.5
2.75
3.0
3.25
3.5
3.75
4.0
1
3
5
10
30
50
IF – VF
Forward Voltage VF (V)
Ta = 25ºC
1
10
100
1000
10000
Ta = 25ºC
IV – VF
Forward Current IF (mA)
5000
35
30
300



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com