Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND591GST Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND591GST
Description  2 Lines x 40 Characters Intelligent Character Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND591GST Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND591GST Datasheet HTML 1Page - Purdy Electronics Corporation AND591GST Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intelligent Character Display
AND591GST/GST-LED
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
T l 408 523 8200
F
408 733 1287
l
@
d
l
t
i
ANDdi
l
2
Displays
Displays
Power Supply
LCD panel is driven by the voltage V
DD–V
O, so an adjustable
VO is required for contrast control and temperature
compensation.
Power Supply Block Diagram
Block Diagram
Dimensional Outline
Connector Pin Assignment
Pin
No.
Signal
Function
1
VSS
0V
2
VDD
5V
3
VO
Contrast Adj.
4
RS
Register Select
5
R/W
Read/Write
6
E
Enable Signal
7
DB0
Data Bit 0
8
DB1
Data Bit 1
9
DB2
Data Bit 2
10
DB3
Data Bit 3
11
DB4
Data Bit 4
12
DB5
Data Bit 5
13
DB6
Data Bit 6
14
DB7
Data Bit 7
15
A
LED Power
16
K
LED Power
Temperature Variations
Temperature
VDD–VO
0°C
5.00
+25°C
4.75
+50°C
4.50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com