Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND731GST Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND731GST
Description  Intelligent Character Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND731GST Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND731GST Datasheet HTML 1Page - Purdy Electronics Corporation AND731GST Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intelligent Character Display
AND731GST/GST-LED
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/20/07
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
2
Power Supply
The LCD panel is driven by the voltage V
DD–V
O, so you need
an adjustable VO for contrast and temperature control.
Temperature Variations
Block Diagram
Dimensional Outline
Connector Pin Assignment
Pin No.
Signal
Function
1
VSS
Ground
2
VDD
+5 Power Supply
3
VO
LCD Drive Voltage
4RS
“H” Data Input
“L” Command Input
5
R/W
Read/Write
6
E
Enable
7
DBO
Data Bit 0
8
DB1
Data Bit 1
9
DB2
Data Bit 2
10
DB3
Data Bit 3
11
DB4
Data Bit 4
12
DB5
Data Bit 5
13
DB6
Data Bit 6
14
DB7
Data Bit 7
15
A
LED Power
16
K
LED Power
Temperature
VDD–VO
0°C
5.00
+25°C
4.75
+50°C
4.50
Connector Pin Assignment (Continued)
Pin No.
Signal
Function



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com