Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND771GST Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND771GST
Description  Intelligent Character Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND771GST Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND771GST Datasheet HTML 1Page - Purdy Electronics Corporation AND771GST Datasheet HTML 2Page - Purdy Electronics Corporation AND771GST Datasheet HTML 3Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
1
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
7/23/07
AND771GST/GST-LED
2 Lines x 24 Characters
Intelligent Character Display
The AND771GST/GST-LED devices are compact, LCD
modules that have an on-board LCD controller and driver
circuit. These devices can display 160 characters (numerals,
letters, symbols and Kana letters), as well as eight custom
characters.
Features
• AND771GST: Super Twist Technology
• AND771GST-LED: STN with LED backlight
• Low voltage, +5V single power supply
• Controller on board (HD44780)
• Direct interface to 4- or 8-bit CPU
• 11 commands for control
• Wide temperature range option (WGST)
Dot Matrix Dimensions
Mechanical Characteristics
Item
Specification
Unit
Outline
Dimensions
118 (W) x 36 (H) x 11 (D)
mm
Character Size
3.20 (W) x 5.55 (H)
mm
Viewing Area
93.5 (W) x 15.8 (H)
mm
Bezel Opening
93.5 (W) x 15.8 (H)
mm
Dot Size
0.60 (W) x 0.60 (H)
mm
Dot Pitch
0.65 (W) x 0.65 (H)
mm
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply Voltage
VDD
7.0
V
Input Voltage
VIN
0
≤ V
IN ≤ VDD
V
3.20
0.50
0.05
0.60
LED Forward Current
IF
280
mA
LED Reverse Voltage
VR
4V
LED Power Dissipation
PD
1150
mW
Operating Temperature
Top
0 to +50
°C
Storage Temperature
Tstg
–20 to +60
°C
Electrical Characteristics (TA = 25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
4.75
5.0
5.25
V
VDD-VO
3.0
6.3
High Level In Voltage
(VDD = 5.0V)
VIH
2.2
V
Low Level In Voltage
(IOH = 0.2 mA)
VIL
0
0.6
High Level Output Volt.
(–IOH = 0.2 mA)
VOH
2.4
V
Low Level Output Volt.
(IOL = 1.2 mA)
VOL
0.4
V
LED Forward Voltage
(IF = 160 mA)
VF
3.8
4.1
4.4
V
LED Reverse Current
(VR = 4 V)
IR
100
µA
Optical Characteristics (TA = 25˚C,
φ= 0°, θ = 0°)
Item
Symbol
Min.
Typ.
Max.
Unit
Viewing Angle
φ
50
degree
Contrast
K
6.0
Turn On
Ton
200
400
ms
Turn Off
Toff
250
400
ms
Absolute Maximum Ratings (Cont)
Item
Symbol
Rating
Unit
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.


Similar Part No. - AND771GST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND771GST ETC2-AND771GST Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
AND771GST-LED ETC2-AND771GST-LED Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
More results

Similar Description - AND771GST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND671GST ETC2-AND671GST Datasheet
40Kb / 2P
1 Line x 16 Characters Intelligent Character Display
AND491GST ETC2-AND491GST Datasheet
40Kb / 2P
Intelligent Character Display
logo
Purdy Electronics Corpo...
AND471GST PURDY-AND471GST Datasheet
72Kb / 2P
Intelligent Character Display
AND481GST PURDY-AND481GST Datasheet
163Kb / 2P
Intelligent Character Display
AND721GST PURDY-AND721GST Datasheet
115Kb / 2P
Intelligent Character Display
AND731GST PURDY-AND731GST Datasheet
143Kb / 2P
Intelligent Character Display
AND791GST PURDY-AND791GST Datasheet
151Kb / 3P
Intelligent Character Display
AND491GST3-3V-W-LED PURDY-AND491GST3-3V-W-LED Datasheet
402Kb / 4P
Intelligent Character Display
AND671WGST-LED PURDY-AND671WGST-LED Datasheet
2Mb / 6P
Intelligent Character Display
AND002004B-OLED PURDY-AND002004B-OLED Datasheet
265Kb / 3P
Intelligent Character Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com