Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8010-B Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND8010-B
Description  LED Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND8010-B Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND8010-B Datasheet HTML 1Page - Purdy Electronics Corporation AND8010-B Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OPTOELECTRONICS
OPTOELECTRONICS
OPTOELECTRONICS
AND-8010-B Series
GaAsP/GaP–Red; GaP–Green
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com • www.purdyelectronics.com
6/14/07
AND-8010-B Series Pin Connection Table
AND-8010GCLB
AND-8010GALB
Pin
Connection
Pin
Connection
Pin
Connection
Pin
Connection
1
A2 Seg.Anode
10
D1 Seg.Anode
1
A2 Seg. Cathode
10
D1 Seg.Cathode
2
A1 Seg.Anode
11
D2 Seg.Anode
2
A1 Seg.Cathode
11
D2 Seg.Cathode
3
F Seg.Anode
12
Common Cathode
3
F Seg.Cathode
12
Common Anode
4
H Seg.Anode
13
C Seg.Anode
4
H Seg.Cathode
13
C Seg.Cathode
5
E Seg.Anode
14
G Seg.Anode
5
E Seg.Cathode
14
G Seg.Cathode
6
J Seg.Anode
15
B Seg.Anode
6
J Seg.Cathode
15
B Seg.Cathode
7
P Seg.Anode
16
M Seg.Anode
7
P Seg.Cathode
16
M Seg.Cathode
8
R Seg.Anode
17
Common Cathode
8
R Seg.Cathode
17
Common Anode
9
N Seg.Anode
18
K Seg.Anode
9
N Seg.Cathode
18
K Seg.Cathode
Ambient Temperature
20
0
10
20
30
40
60
80
100
Max Current vs. Temperature
Temperature
-20
20
0.5
1.0
1.5
-40
40
60
80
0
Luminous Intensity vs. Temperature
Forward Current
210
0.3
1
5
3
2
120 30
(mA)
3
Luminous Intensity vs. Forward Current
VF = Forward Voltage (V)
1.6
0
10
20
40
50
30
1.8
2.0
2.2
2.4
Forward Current vs.
Forward Voltage
+100°C
+25°C
-5°C
Red
Green



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com