Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74F161 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F161
Description  SYNCHRONOUS 4-BIT BINARY COUNTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F161 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F161 Datasheet HTML 1Page - Texas Instruments SN74F161 Datasheet HTML 2Page - Texas Instruments SN74F161 Datasheet HTML 3Page - Texas Instruments SN74F161 Datasheet HTML 4Page - Texas Instruments SN74F161 Datasheet HTML 5Page - Texas Instruments SN74F161 Datasheet HTML 6Page - Texas Instruments SN74F161 Datasheet HTML 7Page - Texas Instruments SN74F161 Datasheet HTML 8Page - Texas Instruments SN74F161 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74F161A
SYNCHRONOUS 4-BIT BINARY COUNTER
SDFS056A – D2932, MARCH 1987 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Internal Look-Ahead Circuitry for Fast
Counting
• Carry Output for N-Bit Cascading
• Fully Synchronous Operation for Counting
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This
synchronous,
presettable,
4-bit
binary
counter features an internal carry look-ahead
circuitry for application in high-speed counting
designs. Synchronous operation is provided by
having all flip-flops clocked simultaneously so that the outputs change coincident with each other when so
instructed by the count-enable (ENP, ENT) inputs and internal gating. This mode of operation eliminates the
output counting spikes that are normally associated with asynchronous (ripple-clock) counters; however,
counting spikes may occur on the ripple-carry (RCO) output. A buffered clock (CLK) input triggers the four
flip-flops on the rising (positive-going) edge of the clock input waveform.
This counter is fully programmable; that is, it may be preset to any number between 0 and 15. As presetting is
synchronous, setting up a low level at the load (LOAD) input disables the counter and causes the outputs to
agree with the setup data after the next clock pulse regardless of the levels of the enable inputs.
The clear function for the SN74F161A is asynchronous and a low level at the clear (CLR) input sets all four of
the flip-flop outputs low regardless of the levels of the clock, load, or enable inputs.
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without
additional gating. Instrumental in accomplishing this function are two count-enable (ENP, ENT) inputs and a
ripple-carry (RCO) output. Both ENP and ENT must be high to count, and ENT if fed forward to enable RCO.
RCO thus enabled will produce a high-level pulse while the count is 15 (HHHH). The high-level overflow
ripple-carry pulse can be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed
regardless of the level of the clock input.
The SN74F161A features a fully independent clock circuit. Changes at control inputs (ENP, ENT, or LOAD) that
will modify the operating mode have no effect on the contents of the counter until clocking occurs. The function
of the counter (whether enabled, disabled, loading, or counting) will be dictated solely by the conditions meeting
the setup and hold times.
The SN74F161A is characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD
D OR N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F161A TI-SN74F161A Datasheet
434Kb / 17P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI2-SN74F161A Datasheet
625Kb / 20P
SYNCHRONOUS 4-BIT BINARY COUNTER
REVISED AUGUST 2001
SN74F161AD TI-SN74F161AD Datasheet
434Kb / 17P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161AD TI2-SN74F161AD Datasheet
625Kb / 20P
SYNCHRONOUS 4-BIT BINARY COUNTER
REVISED AUGUST 2001
SN74F161ADBR TI-SN74F161ADBR Datasheet
434Kb / 17P
SYNCHRONOUS 4-BIT BINARY COUNTER
More results

Similar Description - SN74F161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
SYNCHRONOUS 4-BIT BINARY COUNTER
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Texas Instruments
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A_07 Datasheet
434Kb / 17P
SYNCHRONOUS 4-BIT BINARY COUNTER
SN74HC163-Q1 TI1-SN74HC163-Q1 Datasheet
278Kb / 17P
4-BIT SYNCHRONOUS BINARY COUNTER
logo
NXP Semiconductors
74HC4520N NXP-74HC4520N Datasheet
52Kb / 7P
Dual 4-bit synchronous binary counter
December 1990
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Texas Instruments
SN74F163A TI1-SN74F163A_16 Datasheet
700Kb / 17P
SYNCHRONOUS 4-BIT BINARY COUNTER
logo
Nexperia B.V. All right...
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
74HCT4520 NEXPERIA-74HCT4520 Datasheet
253Kb / 14P
Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com