Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43879 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 43879
Description  4.20mm (.165") Pitch Mini-Fit, CPI Compliant Pin Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

43879 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  43879 Datasheet HTML 1Page - Molex Electronics Ltd. 43879 Datasheet HTML 2Page - Molex Electronics Ltd. 43879 Datasheet HTML 3Page - Molex Electronics Ltd. 43879 Datasheet HTML 4Page - Molex Electronics Ltd. 43879 Datasheet HTML 5Page - Molex Electronics Ltd. 43879 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FEATURES AND SPECIFICATIONS
Mini-Fit CPI™ Introduction
The Mini-Fit, CPI is a compliant pin interface header from the
well-known Mini-Fit family. This product is designed for high
current/high density applications which require press fit head-
ers. It is appropriate for both power and signal applications as
it can carry currents of up to 8 amperes per circuit.
This product line offers great design flexibility by allowing you to connect:
Mini-Fit, Jr.
s
Mini-Fit, Jr. 5556 Female crimp terminal
s
Mini-Fit, Jr. 5557 receptacle with positive lock (wire-to-board)
Mini-Fit, BMI
s
Mini-Fit, BMI 42474 Blind mating receptacle (wire-to-board)
s
Mini-Fit, BMI 42385 Blind mating header receptacle (board-to-board)
42385
Vertical Receptacle Header
Board-to-Board
Mini-Fit, BMI™
42474
Blind Mating Receptacle
Drawer Connector
Mini-Fit, BMI™
43879
Blind Mating
Vertical Header
Mini-Fit, CPI
5556
Female Crimp Terminal
5557
Receptacle
Wire-to-Board
Mini-Fit, Jr™



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com