Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85533 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 85533
Description  Modular Jack HyperJack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

85533 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  85533 Datasheet HTML 1Page - Molex Electronics Ltd. 85533 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES AND SPECIFICATIONS
Modular Jack
HyperJack™
85533
Right Angle
Shielded
Features and Benefits
s
Integrated magnetics, capacitors and resistors for space
savings and reduced components on the motherboard
s
Eases logistics
s
Flexible magnetic design adapts to physical specifications
from any vendor
s
EMI/RFI protection includes common mode chokes
s
Full magnetic performance suitable for UTP and STP
applications
s
Symmetrical RX/TX design can be used on PCB or hub side
Reference Information
Product Specification: PS-85533-017
Packaging: Tray
Mates with: FCC 68 Plugs
Designed in: Millimeters
Electrical
Voltage: 125V
Current: 1.5A
Contact Resistance: 20m
Ω max.
Dielectric Withstanding Voltage: 1500V
Insulation Resistance: 500 M
Ω min.
OCL (TX, RX): 400
µH min.
Electrical (continued)
Insertion Loss (TX, RX): 0.1 to 100 MHz -1dB max.
Return Loss (TX, RX):
0.5 to 30 MHz -18 dB min.
40 MHz
-15.5 dB min.
50 MHz
-13.6 dB min.
60 to 80 MHz
-12 dB min.
Common Mode Rejection (TX, RX):
1 to 30 MHz
-50 dB min.
60 MHz
-37 dB min.
100 MHz
-28 dB min.
Crosstalk TX-RX (NEXT):
1 to 30 MHz
-42 dB min.
60 MHz
-38 dB min.
100 MHz
-35 dB min.
Isolation (Hi-Pot): 1500V AC or 2250V DC
Physical
Housing: Black polyester, UL 94V-0
Contact: Phosphor Bronze
Plating: Contact Area—Post plate 1.27 to 1.52
µm
(50 to 60
µ") Gold
Solder Tail Area—1.90
µm (75µ") min. Tin/Lead
Underplating—Nickel
Operating Temperature: -40 to +80°C
CATALOG DRAWING (FOR REFERENCE ONLY)
ORDERING INFORMATION
Circuits
Loaded Contacts
Order No.
8
8
85533-0002
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel:1-800-78MOLEX
Fax:630-969-1352
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel:81-462-65-2324
Fax:81-462-65-2366
Far East South Headquarters
Jurong, Singapore
Tel:65-268-6868
Fax:65-265-6044
European Headquarters
Munich, Germany
Tel:49-89-413092-0
Fax:49-89-401527
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel:630-969-4550
Visit our Web site at http://www.molex.com
Order No. USA-146
Printed in USA/2.5K/JI/JI/2000.12
©
2000, Molex



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com