Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1206CSF-R27G Datasheet(PDF) 1 Page - Central Technologies

Part # CT1206CSF-R27G
Description  SMD Wire-wound Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT1206CSF-R27G Datasheet(HTML) 1 Page - Central Technologies

  CT1206CSF-R27G Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Wire-wound Chip Inductors
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.08.05
Size
A
B
C
D
E
F
G
mm
3.56
2.16
1.52
0.51
1.6
0.51
3.20
inches
0.140
0.085
0.060
0.020
0.063
0.020
0.126
PHYSICAL DIMENSIONS
B
C
A
D
F
F
E
terminal
G
overall
SPECIFICATIONS
Please specify tolerance code when ordering.
CT1206CSF-3N3_
G = ±2%, J = ±5%, K = ±10%, M = ±20%
* = J, K or M only
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CT1206CSF-3N3_*
3.3
100
30
300
6000
0.05
1000
CT1206CSF-6N8_*
6.8
100
30
300
5500
0.07
1000
CT1206CSF-010_*
10
100
40
300
4000
0.08
1000
CT1206CSF-012_*
12
100
40
300
3200
0.08
1000
CT1206CSF-015_*
15
100
40
300
3200
0.10
1000
CT1206CSF-018_*
18
100
50
300
2800
0.10
1000
CT1206CSF-022_*
22
100
50
300
2200
0.10
1000
CT1206CSF-027_*
27
100
50
300
1800
0.11
1000
CT1206CSF-033_*
33
100
55
300
1800
0.11
1000
CT1206CSF-039_*
39
100
55
300
1800
0.12
1000
CT1206CSF-047_*
47
100
55
300
1500
0.13
1000
CT1206CSF-056_
56
100
55
300
1450
0.14
1000
CT1206CSF-068_
68
100
55
300
1200
0.26
900
CT1206CSF-082_
82
100
55
300
1200
0.21
900
CT1206CSF-R10_
100
100
55
300
1100
0.26
850
CT1206CSF-R12_
120
100
60
300
1100
0.26
800
CT1206CSF-R15_
150
100
60
300
950
0.31
750
CT1206CSF-R18_
180
50
60
300
900
0.43
700
CT1206CSF-R22_
220
50
60
300
760
0.50
670
CT1206CSF-R27_
270
50
55
300
730
0.56
630
CT1206CSF-R33_
330
50
45
150
650
0.62
590
CT1206CSF-R39_
390
50
45
150
600
0.75
530
CT1206CSF-R47_
470
50
45
150
550
1.30
490
CT1206CSF-R56_
560
50
45
150
470
1.34
460
CT1206CSF-R68_
680
35
45
150
450
1.58
430
CT1206CSF-R82_
820
35
45
150
420
1.82
400
CT1206CSF-1R0_
1000
35
45
150
400
2.80
320
CT1206CSF-1R2_
1200
35
45
150
380
3.20
300
CT1206CSF Series
From 3.3 nH to 1200 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD ceramic core wire-wound chip inductor
Applications: Telecommunication equipment, mobile phones,
small size pagers, computers, printers and relevant equipment.
Also, audio & video applications and the automotive electronics
industry. High frequency applications
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±2%, ±5%, ±10%, ±20%
Testing: Inductance and Q are tested on an HP4287A at
specified frequency
Packaging: Tape & Reel
Marking: Reels are marked with inductance code & tolerance
code
Miscellaneous: RoHS Compliant. Additional values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
1.95
(0.077)
mm
(inch)
1.0
(0.039)
1.0
(0.039)
1.8
(0.071)
RoHS
Compliant


Similar Part No. - CT1206CSF-R27G

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT1206K11G EPCOS-CT1206K11G Datasheet
129Kb / 15P
Multilayer technology
CT1206K14G EPCOS-CT1206K14G Datasheet
129Kb / 15P
Multilayer technology
CT1206K14G EPCOS-CT1206K14G Datasheet
200Kb / 14P
Ceramic transient voltage suppressors
CT1206K17G EPCOS-CT1206K17G Datasheet
129Kb / 15P
Multilayer technology
CT1206K17G EPCOS-CT1206K17G Datasheet
196Kb / 14P
Ceramic transient voltage suppressors
More results

Similar Description - CT1206CSF-R27G

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0603LS CT-CT0603LS Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT1008CSF CT-CT1008CSF Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LS CT-CT1008LS Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSC CT-CT1210LSC Datasheet
183Kb / 1P
SMD Wire-wound Chip Inductors
CT0402HPF CT-CT0402HPF Datasheet
398Kb / 1P
SMD Wire-wound Chip Inductors
CT0603LSF CT-CT0603LSF Datasheet
500Kb / 1P
SMD Wire-wound Chip Inductors
CT0805HQF CT-CT0805HQF Datasheet
367Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LSF CT-CT1008LSF Datasheet
375Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSCF CT-CT1210LSCF Datasheet
405Kb / 1P
SMD Wire-wound Chip Inductors
CT1812CSF CT-CT1812CSF Datasheet
189Kb / 1P
SMD Wire-wound Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com