Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC-8580 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # BPC-8580
Description  Slim and Compact Book Size PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

BPC-8580 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  BPC-8580 Datasheet HTML 1Page - Protech Systems Co., Ltd. BPC-8580 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0°~40°C
-40°~85°C
20%-90%
Book size PC (white color) with P-M MB,
CD-ROM front bezel
Book size PC (white color) with P-M MB,
with CD-ROM / FDD front bezel
Book size PC (white color) with P-M MB,
without CD-ROM / FDD front bezel
Book size PC (black color) with P-M MB,
CD-ROM front bezel
Book size PC (black color) with P-M MB,
with CD-ROM / FDD front bezel
Book size PC (black color) with P-M MB,
without CD-ROM / FDD front bezel
0°~40°C
-40°~85°C
20%-90%
Book size PC (white color) with P-M MB,
CD-ROM front bezel
Book size PC (white color) with P-M MB,
with CD-ROM / FDD front bezel
Book size PC (white color) with P-M MB,
without CD-ROM / FDD front bezel
Book size PC (black color) with P-M MB,
CD-ROM front bezel
Book size PC (black color) with P-M MB,
with CD-ROM / FDD front bezel
Book size PC (black color) with P-M MB,
without CD-ROM / FDD front bezel
BPC-8580/BPC-8580C
Slim and Compact Book Size PC
w w w . p r o t e c h . c o m . t w
..
Specification
System
CPU Type
Chipset
Memory Support
Video Controller
Power Supply
System Weight
Dimension (WxHxD)
Certificate
I/O Ports
Drive Bays
USB
Serial Ports
Parallel
Keyboard/Mouse
LAN
Audio
Expansion Slots
Specification
System
WxHxD
I/O Ports
Drive Bays
USB
Serial Ports
Parallel
Keyboard/Mouse
LAN
Audio
Expansion Slots
Celeron M / Pentium M, 478-pin socket on board
Intel 855GME + ICH4
2 x DDR DIMM Socket (up to 2GB)
Intel Extreme Graphics 2
110W Adapter
3.3KG (7.26lb)
260 x 62x 240mm (10.24" x 2.44" x 9.45")
FCC / CE / UL
1 x CD-ROM (Slim), 1 x FDD (Slim),
1 x Slim HDD (2.5")
2 x USB Ports (USB 2.0)
4 x COM ports, COM2 for RS232/422/485
1 x Parallel port (SPP/EPP/ECP)
1 x PS/2 ports
1 x RJ-45, 10/100 Mbps
Line-in / Line-out / MIC
1 x PCI or 1 x AGP (optional)
Celeron M / Pentium M, 478-pin socket on board
Intel 855GME + ICH4
2 x DDR DIMM Socket (up to 2GB)
Intel Extreme Graphics 2
110W Adapter
3.3KG (7.26lb)
260 x 62x 240mm (10.24" x 2.44" x 9.45")
FCC / CE / UL
1 x CD-ROM (Slim), 1 x FDD (Slim),
1 x Slim HDD (2.5")
2 x USB Ports (USB 2.0)
4 x COM ports, COM2 for RS232/422/485
1 x Parallel port (SPP/EPP/ECP)
1 x PS/2 ports
1 x RJ-45, 10/100 Mbps
Line-in / Line-out / MIC
1 x PCI or 1 x AGP (optional)
Environment
Operating Temp.
Storage Tmp.
Humidity
Ordering Information
BPC-8580-AW
BPC-8580-BW
BPC-8580-SW
BPC-8580-AB
BPC-8580-BB
BPC-8580-SB
Environment
Ordering Information
BPC-8580-AW
BPC-8580-BW
BPC-8580-SW
BPC-8580-AB
BPC-8580-BB
BPC-8580-SB
R
R
R
R
Front View
Rear View
Rear View
240.80
* SDRAM, slim HDD are available as optional items.
PS8580C-AB01B
PS8580C-BB01B
PS8580C-SB01B
PS8580C-SW01B
PS8580C-AB01B
PS8580C-BB01B
PS8580C-SB01B
PS8580C-SW01B
C-M book size PC with CD-ROM(B)
C-M book size PC with CD-ROM(B)
C-M book size PC with CD-ROM / FDD(B)
C-M book size PC without CD-ROM / FDD(B)
C-M book size PC without CD-ROM / FDD(W)
(BPC-8580C:Intel Celeron M ULV 1.0GHz on board)
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in MAY. 2007
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in MAY. 2007



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com